データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M34C02-RMB1TP

  • AI
    ## Overview of the M34C02-RMB1TP The **M34C02-RMB1TP** is a specialized 2-Kbit serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is specifically designed for use in DRAM DIMMs (Dual Inline Memory Modules) to store the **Serial Presence Detect (SPD)** data. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbits (256 bytes) | | **Interface** | I²C Serial Interface (up to 400 kHz) | | **Operating Voltage** | 1.7V to 3.6V (Wide range for mobile/desktop) | | **Package Type** | UFDFPN8 (MLP) - Ultra-thin Dual Flat No-lead | | **Write Protection** | Software Write Protection for the lower 128 bytes | | **Endurance** | 1 Million Write Cycles | | **Data Retention** | 40 Years | --- ### Internal Functional Blocks The electronic architecture of the M34C02 consists of several critical components: 1. **I²C Interface Logic:** Handles the SDA (Serial Data) and SCL (Serial Clock) signals to communicate with the CPU or Memory Controller. 2. **EEPROM Array:** The physical storage cells where the 256 bytes of data are held. 3. **Address Decoders:** Maps the incoming 8-bit addresses to specific locations in the memory array. 4. **Write Control Logic:** Manages the internal high-voltage generation required for programming the floating-gate transistors. 5. **Protection Register:** A unique circuit that allows the permanent (or reversible) locking of the first half of the memory to prevent accidental corruption of SPD data. --- ### Pin Configuration (UFDFPN8) | Pin Name | Description | | :--- | :--- | | **E0, E1, E2** | Chip Enable inputs (used to set the device address). | | **SDA** | Serial Data (bidirectional open-drain). | | **SCL** | Serial Clock input. | | **WC** | Write Control (Hardware protection pin). | | **VCC** | Power Supply. | | **VSS** | Ground. | --- ### Common Applications * **DDR2/DDR3 SDRAM Modules:** Storing timing parameters, manufacturer ID, and module capacity. * **Small Form Factor Devices:** Due to its ultra-thin package, it is ideal for mobile applications. * **Low Voltage Systems:** Its ability to operate down to 1.7V makes it compatible with energy-efficient hardware.
    ✨ Follow-up Questions
    • ⤷ How does the software write protection mechanism work in the M34C02?
    • ⤷ What are the primary differences between the M34C02 and standard 24C02 EEPROMs?
    • ⤷ What is the specific role of the 'WC' pin in this circuit?