データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M34C02-RMB6G

  • AI
    ### Technical Overview: M34C02-RMB6G The **M34C02-RMB6G** is a specialized 2-Kbit serial I²C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is primarily designed for **DIMM Serial Presence Detect (SPD)** applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbits (256 x 8 bits) | | **Interface** | I²C Serial (2-wire) | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Supply Voltage (Vcc)** | 1.7V to 3.6V (Low voltage support) | | **Package Type** | UFDFPN8 (MLP8) - 2x3 mm | | **Operating Temperature** | -40°C to +85°C | | **Write Cycles** | 1,000,000 cycles (Endurance) | | **Data Retention** | 40 Years | --- ### 2. Functional Features The M34C02-RMB6G distinguishes itself from standard EEPROMs through specific memory protection mechanisms required for RAM modules: * **Write Protection:** The device features a Permanent Write Protection (PWP) and a Reversible Write Protection (RWP) for the first 128 bytes. This ensures that the SPD data (critical for the PC to boot and identify RAM) cannot be accidentally overwritten. * **Sequential Read:** It supports automatic address incrementing for reading the entire memory bank in one operation. * **Low Power Consumption:** Optimized for battery-operated devices and energy-efficient computing, with a standby current as low as $1 \mu A$. --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | Vss | Ground | | 5 | SDA | Serial Data (Bi-directional) | | 6 | SCL | Serial Clock (Input) | | 7 | WC | Write Control (Hardware protection) | | 8 | Vcc | Supply Voltage | --- ### 4. Part Number Breakdown: `M34C02-RMB6G` Understanding the suffix helps in identifying the specific physical and chemical properties: * **M34C02**: Device Type (Application Specific EEPROM for SPD). * **-R**: Operating Voltage (1.7V to 3.6V). * **MB**: Package Type (UFDFPN8 / MLP8). * **6**: Temperature Range (-40 to +85 °C). * **G**: Process Technology (EcoPack2 - RoHS compliant, Halogen-free). --- ### 5. Application Circuit Example When connecting the M34C02 to a microcontroller (MCU), pull-up resistors are required on the I²C bus lines. ```cpp // Example I2C Initialization for M34C02 #include #define M34C02_ADDR 0x50 // Base address void setup() { Wire.begin(); // Write one byte to address 0x00 Wire.beginTransmission(M34C02_ADDR); Wire.write(0x00); // Memory address Wire.write(0xAA); // Data Wire.endTransmission(); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Permanent and Reversible Write Protection in this chip?
    • ⤷ Can the M34C02 be used in DDR4 or DDR5 memory modules?
    • ⤷ How does the 'G' suffix impact environmental compliance for manufacturing?