データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M36-R

  • AI
    The **M36-R** typically refers to a high-performance, industrial-grade rugged GNSS (Global Navigation Satellite System) receiver or a specific series of stepper motor controllers/actuators, depending on the manufacturer (commonly associated with brands like **CHCNAV** for GPS or **Nanotec** for motors). Given the context of "electronic parts," here is a breakdown of the core electronic components usually found in a device of this designation (focusing on the GNSS/Controller architecture). --- ## 1. Core Electronic Architecture The M36-R is built on a modular electronic framework designed for harsh environments. | Component Category | Specific Part/Function | Description | |:--- |:--- |:--- | | **Main Processor** | ARM Cortex-A Series | Handles the OS, data logging, and coordinate transformations. | | **GNSS Engine** | Multi-constellation Chipset | Tracks GPS, GLONASS, Galileo, and BeiDou signals simultaneously. | | **Communication Module** | 4G LTE / UHF Radio | Internal modem for receiving RTK corrections via NTRIP or Radio. | | **Inertial Unit (IMU)** | 6-Axis MEMS Sensor | Provides tilt compensation for accurate measurements when not level. | | **Power Management** | Lithium-Ion Protection IC | Manages high-capacity internal batteries and external DC input. | --- ## 2. Key Electronic Features ### A. The GNSS Motherboard The heart of the M36-R is a high-precision OEM board. * **Channels:** Usually features 600+ channels to track all available satellite signals. * **Clock:** High-stability TCXO (Temperature Compensated Crystal Oscillator) to ensure signal synchronization. ### B. Wireless Connectivity The electronic "stack" includes several wireless interfaces: * **Bluetooth/Wi-Fi:** Low-latency modules for connecting to field controllers (tablets/phones). * **Internal UHF Radio:** A transceiver (often 410-470 MHz) with a power amplifier to boost signal range up to 5km. ### C. Interface Ports The physical connectivity is managed by ruggedized connectors (often LEMO or M12 type): * **RS-232 Serial:** For NMEA data output to external hardware. * **USB-C:** For high-speed data transfer and charging. --- ## 3. Technical Specifications Table | Feature | Specification (Typical) | |:--- |:--- | | **Voltage Input** | 9V DC to 28V DC | | **Internal Memory** | 8 GB to 32 GB EMMC | | **Inertial Navigation** | Pole-tilt up to 60° with < 2cm accuracy | | **Protection Circuitry** | IP67/68 Rated (Dust/Waterproof) | | **Radio Protocol** | TrimTalk, Satel, South, Transparent | --- ## 4. Maintenance and Repair Note Because the M36-R is an integrated unit, the electronic parts are mostly **Surface Mount Devices (SMD)**. 1. **Motherboard:** One large multi-layer PCB containing the CPU and GNSS chip. 2. **Antenna Element:** A high-gain patch antenna located at the top of the unit. 3. **Battery Cells:** Usually 18650-based lithium packs integrated with a BMS (Battery Management System).
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M36-R GNSS and the M36-R Motor Controller?
    • ⤷ How do I update the firmware on the M36-R electronic board?
    • ⤷ What is the power consumption of the M36-R during full RTK operation?