データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A12FAD-R

  • AI
    The **M3A12FAD-R** is a high-performance **Step-Down (Buck) DC-DC Converter Module** designed for high-density power applications. It is part of the "M3" series, typically used in industrial, telecommunications, and computing environments where space is limited but power demands are high. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M3A12FAD-R: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage Range** | 0.6V to 5.0V (Adjustable) | | **Maximum Output Current** | 12 Amperes (12A) | | **Efficiency** | Up to 94% (depending on load) | | **Switching Frequency** | Programmable (typically 400kHz to 1.2MHz) | | **Package Type** | LGA (Land Grid Array) or Compact Module | --- ### 2. Core Functional Components The "parts" or internal architecture of this module consist of several integrated electronic stages: 1. **Integrated Power MOSFETs:** It contains high-side and low-side power transistors optimized for low Rds(on) to minimize heat dissipation. 2. **Controller IC:** A built-in PWM (Pulse Width Modulation) controller manages the switching logic and voltage regulation. 3. **Inductor:** Unlike discrete solutions, this module often integrates the power inductor inside the casing, reducing EMI (Electromagnetic Interference) and PCB footprint. 4. **Feedback Loop:** Internal compensation circuitry ensures stability across various load conditions without requiring complex external tuning. --- ### 3. Pin Configuration and Features The module utilizes specific pins for control and protection: * **Vout / Vin:** Main power input and regulated output rails. * **VSET/Trim:** Pin used to set the output voltage via an external resistor. * **Enable (EN):** A logic-level input to turn the converter on or off. * **PGOOD (Power Good):** An open-drain output that signals when the output voltage is within the regulated range. * **Soft-Start (SS):** Controls the ramp-up time of the output voltage to prevent inrush current. --- ### 4. Typical Application Circuit When designing with the M3A12FAD-R, the external component count is minimal: ```markdown [Input Source] ----> [Cin] ----> (Vin Pin) [ M3A12FAD-R ] (Vout Pin) ----> [Cout] ----> [Load] | | (VSET) (GND) | | [Resistor] ---- [GND] ``` --- ### 5. Protective Mechanisms To ensure longevity and safety, the module includes: * **Over-Current Protection (OCP):** Limits current during a short circuit. * **Over-Temperature Protection (OTP):** Shuts down the device if internal temperatures exceed safe limits. * **Under-Voltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors (Cin/Cout)?
    • ⤷ How do I calculate the resistor value for a specific output voltage like 3.3V?
    • ⤷ Does this module require a heatsink for full 12A operation?