データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A12FCD-R

  • AI
    The **M3A12FCD-R** is an industrial-grade power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) module commonly used in high-power switching applications and motor control. It is designed to handle significant current and voltage loads with high efficiency. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics for this class of component: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | Power Module | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage across Drain and Source | 1200V | | **Continuous Drain Current ($I_D$)** | Maximum current flow at 25°C | ~400A - 600A* | | **Package Type** | Module Housing | FCD-R / Industry Standard | | **Configuration** | Internal circuit layout | Half-Bridge or Single | *\*Note: Current ratings can vary based on the specific manufacturer sub-series (e.g., Mitsubishi, Fuji, or Powerex).* --- ### 2. Core Electronic Components & Architecture The M3A12FCD-R is not a single transistor but a **Power Module** that integrates several electronic parts into one housing: * **Silicon Dies:** High-voltage N-channel MOSFET chips wired in parallel to increase current capacity. * **Freewheeling Diodes (FWD):** Integrated anti-parallel diodes that protect the MOSFETs from inductive voltage spikes (back-EMF) when switching off motors. * **Direct Bonded Copper (DBC) Substrate:** An internal ceramic layer that provides electrical isolation while offering high thermal conductivity to move heat to the baseplate. * **Gate Resistors:** Some versions include internal gate resistors to dampen oscillations during high-speed switching. --- ### 3. Applications and Usage This part is typically found in heavy-duty industrial environments: 1. **Motor Drives:** Used in Variable Frequency Drives (VFDs) to control large AC motors. 2. **Renewable Energy:** Central components in Solar Inverters or Wind Turbine power converters. 3. **Uninterruptible Power Supplies (UPS):** High-capacity battery backup systems for data centers. 4. **Electric Vehicles (EV):** High-power DC-AC conversion for drivetrain motors. --- ### 4. Comparison: MOSFET vs. IGBT Modules While the M3A12FCD-R is a MOSFET, it often competes with **IGBT** (Insulated Gate Bipolar Transistor) modules. ```cpp // Comparison logic for power electronics selection if (Switching_Frequency > 100kHz) { use_MOSFET(M3A12FCD_R); // Lower switching losses } else { use_IGBT_Module(); // Better for extremely high current at lower speeds } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M3A12FCD-R?
    • ⤷ How does the switching speed of this MOSFET compare to an IGBT?
    • ⤷ What is the pinout configuration for the FCD-R package?