M3A13FCD-R
AI

The **M3A13FCD-R** belongs to a specific category of high-performance quartz crystal oscillators, typically manufactured by companies like **NDK (Nihon Dempa Kogyo)**. These components are essential for providing a stable clock signal in high-speed networking and telecommunications equipment.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Typical Specification |
|:---|:---|
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage** | 3.3V (indicated by the '3' in the prefix) |
| **Frequency Stability** | ±50 ppm or ±100 ppm (standard for this series) |
| **Package Size** | 7.0 x 5.0 mm (6-pad SMD) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Electronic Parts
Internally, the M3A13FCD-R is not just a piece of quartz; it is an Integrated Circuit (IC) assembly consisting of three main stages:
#### A. The Quartz Blank
* **Material:** High-purity synthetic quartz.
* **Function:** Acts as the mechanical resonator. It vibrates at a precise fundamental frequency when an electric field is applied (Piezoelectric effect).
#### B. The Oscillator IC (Inverter/Amplifier)
* **Function:** Sustains the oscillation. It contains the feedback loop and the load capacitors required to keep the quartz vibrating consistently.
* **Feature:** Includes a **Tri-state (Enable/Disable)** function, allowing the output to be turned off to save power without powering down the entire system.
#### C. The Output Buffer (LVPECL)
* **Function:** Converts the internal oscillation into an **LVPECL** differential signal.
* **Why LVPECL?** This standard is used because it offers very low jitter and high-speed switching capabilities, making it ideal for fiber optic modules (SFP/SFP+) and 10GbE (10 Gigabit Ethernet).
---
### 3. Pin Configuration (Typical 6-Pad SMD)
For integration onto a PCB, the electronic interface is standardized:
1. **Pad 1:** Output Enable (OE) or No Connect (NC).
2. **Pad 2:** No Connect (NC).
3. **Pad 3:** Ground (GND).
4. **Pad 4:** Output (Differential +).
5. **Pad 5:** Complementary Output (Differential -).
6. **Pad 6:** Supply Voltage (Vcc).
---
### 4. Common Applications
Due to its low phase noise and high-frequency stability, this component is found in:
* **Networking:** Routers, Switches, and Gateways.
* **Storage:** Fiber Channel host bus adapters.
* **Telecom:** Base stations and optical transmission equipment.
- ⤷
What is the difference between LVPECL and LVDS output in oscillators?
- ⤷ How do I calculate the termination resistors for this specific part?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?