データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A13FCG-R

  • AI
    The **M3A13FCG-R** is a specific surface-mount electronic component, typically categorized as a **Crystal Oscillator**. These parts are essential for providing a stable clock signal to microprocessors and digital circuits. --- ## 1. Technical Specifications Below are the general technical parameters associated with the M3A series (specifically the 13FCG-R variant): | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Standard Crystal Oscillator) | | **Frequency Range** | Usually fixed (varies by sub-code, often MHz range) | | **Output Type** | CMOS / TTL compatible | | **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package / Case** | SMD (Surface Mount Device) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ## 2. Part Number Breakdown While manufacturer naming conventions vary slightly, the code **M3A13FCG-R** generally breaks down as follows: 1. **M3A**: Series identifier (typically 3.2mm x 2.5mm or similar miniature package). 2. **13**: Potential frequency indicator or voltage code (e.g., 3.3V). 3. **F**: Frequency stability code (often ±50ppm or ±25ppm). 4. **C**: Operating temperature range code. 5. **G**: Symmetry/Duty cycle or Output load specification. 6. **-R**: Indicates **Tape & Reel** packaging and **RoHS** compliance. --- ## 3. Key Electronic Functions The M3A13FCG-R serves three primary roles in an electronic assembly: * **Frequency Generation:** It utilizes a quartz crystal blank to create a precise resonant frequency. * **Signal Conditioning:** Unlike a simple 2-pin crystal, this is an **active** oscillator. It includes internal circuitry to output a clean square wave (CMOS). * **System Heartbeat:** It acts as the "metronome" for MCUs (Microcontrollers), FPGAs, or communication interfaces, ensuring data is processed at the correct intervals. --- ## 4. Typical Application Circuit The component usually has 4 pads. Below is the standard pin configuration: ```text Pad 1: Standby (Enable/Disable) or No Connect Pad 2: Ground (GND) Pad 3: Output (Clock Signal) Pad 4: Supply Voltage (Vcc) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3A13FCG-R model?
    • ⤷ How does an active oscillator differ from a passive crystal in a circuit?
    • ⤷ What are the common alternatives for the M3A series in 3.2x2.5mm packaging?