データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A13TCX-R

  • AI
    The **M3A13TCX-R** is a specific part number belonging to a series of high-performance power modules, typically identified as a **Thyristor (SCR) / Diode Module**. These components are essential for heavy-duty industrial power conversion and motor control. ### Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this class of module: | Feature | Description | | :--- | :--- | | **Component Type** | Power Module (Thyristor/Diode Hybrid) | | **Configuration** | Usually 1 Thyristor & 1 Diode in series or anti-parallel | | **Voltage Rating** | High Voltage (often up to 1200V - 1600V) | | **Current Rating** | High Current (Industrial scale, e.g., 100A - 300A range) | | **Package Type** | Isolated Baseplate (Standard industrial housing) | | **Termination** | Screw terminals for power, Fast-on/solder pins for Gate | --- ### Core Electronic Parts & Functionality #### 1. The Thyristor (SCR) The "M3A" designation often points to a Silicon Controlled Rectifier (SCR). This acts as a solid-state switch. Unlike a standard transistor, once triggered by a pulse at the **Gate**, it remains conductive until the current drops below a holding threshold. #### 2. The Diode In these hybrid modules, the diode is paired with the SCR to allow for rectification. It provides a path for current to flow in one direction while preventing back-EMF or allowing for half-wave/full-wave bridge configurations depending on how multiple modules are wired. #### 3. Isolated Baseplate The internal electronic chips are mounted on a ceramic insulator (usually Aluminum Oxide or Aluminum Nitride). This allows the module to be bolted directly to a metal heatsink for thermal management without short-circuiting the electrical path to the chassis. --- ### Common Applications * **DC Motor Drives:** Used to control the speed of industrial motors by varying the phase angle of the SCR trigger. * **Power Supplies:** Serving as part of a controlled rectifier bridge for high-wattage equipment. * **Temperature Controllers:** Used in large industrial ovens or heating elements. * **Soft Starters:** Reducing the initial current inrush to large AC motors. ### Typical Circuit Symbol Representation ```text (SCR) (Diode) A1 --|>|-- K1 / A2 --|>|-- K2 | (Gate) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the M3A13TCX-R?
    • ⤷ How do I test the Gate trigger functionality of this module?
    • ⤷ Can this module be used in a 3-phase bridge rectifier configuration?