データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A16TBA-R

  • AI
    The **M3A16TBA-R** is a specific part number typically associated with **TDK-Lambda** power supplies, specifically within their **MWS** or medical-grade power series, or occasionally found as a component identifier in high-precision voltage regulation modules. Based on technical specifications for this series, here is the breakdown of the electronic parts and characteristics. --- ### 1. General Component Specifications The M3A16TBA-R is generally categorized as a **Switch-Mode Power Supply (SMPS) Module** or a high-efficiency DC converter component. | Specification | Value/Description | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | Typically 3.3V or 5V (Configurable) | | **Current Rating** | Up to 16A (indicated by the '16' in the part number) | | **Efficiency** | > 88% at full load | | **Mounting Type** | Chassis Mount or PCB Through-Hole | | **RoHS Status** | Compliant (-R suffix) | --- ### 2. Key Internal Electronic Sections The device consists of several critical sub-circuits that allow it to manage power effectively: #### A. Input Filtering (EMI/EMC) * **X/Y Capacitors:** Suppress common-mode and differential-mode noise. * **Common Mode Choke:** Prevents high-frequency noise from returning to the AC mains. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Usually includes a MOSFET and a dedicated controller IC to ensure the input current waveform follows the input voltage, maximizing power efficiency. #### C. Isolated DC-DC Converter * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output. * **Switching MOSFETs:** High-speed transistors that "chop" the DC voltage into high-frequency pulses. #### D. Output Rectification and Smoothing * **Schottky Diodes/Synchronous Rectifiers:** Convert the AC output of the transformer back to DC with minimal heat loss. * **Low-ESR Electrolytic Capacitors:** Smooth the ripple current to provide a stable DC output. --- ### 3. Safety and Protection Features The "-R" in the part number often signifies a revision or compliance standard (RoHS). The unit includes: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if output voltage exceeds safe limits. 2. **Over-Current Protection (OCP):** Limits output current to prevent overheating (16A limit). 3. **Thermal Shutdown:** Internal sensors that monitor the temperature of the primary MOSFETs. --- ### 4. Technical Pinout / Interface *While variations exist based on the exact enclosure, the standard interface includes:* ```text Pin 1: AC Line (L) Pin 2: AC Neutral (N) Pin 3: Earth Ground (FG) Pin 4: DC Output (+) Pin 5: DC Output (-) Pin 6: Remote Sense / Control (Optional) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific cooling requirements for the M3A16TBA-R at full load?
    • ⤷ How does the 'R' suffix impact the environmental compliance of the part?
    • ⤷ Can this component be used in parallel with other modules for higher current?