データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A18TAD-R

  • AI
    The **M3A18TAD-R** is a specific technical component, typically identified as a high-precision **Thin Film Chip Resistor Network** or a specific industrial-grade surface-mount component. These parts are designed for applications requiring high stability, tight tolerances, and reliability in compact spaces. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of electronic components, the technical characteristics are generally as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor Network | | **Resistance Range** | Typically 10Ω to 1MΩ (Varies by sub-model) | | **Tolerance** | ±0.05% to ±0.1% (High Precision) | | **Temperature Coefficient (TCR)** | ±5ppm/°C to ±25ppm/°C | | **Package / Case** | Surface Mount (SMD) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Core Electronic Features #### High Precision and Stability The "Thin Film" construction allows for extremely precise resistance values. Unlike thick film resistors, thin film components offer lower noise and better stability over time and temperature fluctuations. #### Integration (Network Design) The "M3A" designation often refers to the internal configuration: * **Multiple Resistors:** It contains multiple resistors within a single package. * **Matching:** Because the resistors are fabricated on the same substrate, they track each other’s thermal behavior perfectly, which is critical for voltage dividers or differential amplifiers. #### Termination and Coating * **TAD-R Suffix:** Often indicates the specific termination material (e.g., Lead-Free/RoHS compliant) and the packaging format (e.g., Tape and Reel for automated Pick-and-Place machines). --- ### 3. Application Use Cases Due to its high accuracy, the M3A18TAD-R is commonly used in: 1. **Instrumentation:** Precision measurement tools and medical devices. 2. **Voltage Dividers:** Where a specific ratio between two voltages must remain constant despite heat. 3. **Industrial Controls:** Feedback loops in motor controllers or power management systems. 4. **Telecommunications:** Signal conditioning in high-speed data equipment. --- ### 4. Typical Circuit Symbol In a schematic, this part is represented as a series of connected resistors or a multi-pin block: ```text Pin 1 --[ R1 ]-- Pin 8 Pin 2 --[ R2 ]-- Pin 7 Pin 3 --[ R3 ]-- Pin 6 Pin 4 --[ R4 ]-- Pin 5 ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and pin count for your specific M3A18TAD-R variant?
    • ⤷ How does thin film technology compare to thick film in terms of long-term drift?
    • ⤷ What are the soldering profile requirements for this SMD package?