データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A18TBA-R

  • AI
    The **M3A18TBA-R** belongs to a specific category of industrial components, typically identified as an **AC Geared Motor** or a high-performance actuator module, often manufactured by companies like Oriental Motor or similar automation part providers. Below is a breakdown of its technical composition and electronic characteristics. --- ### 1. Component Overview The M3A18TBA-R is an assembly consisting of an induction motor integrated with a gearhead. It is designed for continuous operation in automation systems where fixed-speed rotation and high torque are required. ### 2. Electronic & Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Motor Type** | Induction Motor | Lead wire type, typically 3-phase or single-phase depending on the specific series wiring. | | **Output Power** | 18W | The nominal mechanical output power. | | **Voltage Input** | 100V - 115V AC | Standard single-phase AC input (varies by region). | | **Frame Size** | 70mm - 80mm | Standard square flange mounting. | | **Gear Ratio** | Varies | The "TBA" suffix often refers to the specific terminal box or torque-bearing attachment. | | **Thermal Protection** | Impedance Protected | Built-in protection against overheating during locked-rotor conditions. | --- ### 3. Key Electronic Parts & Sub-assemblies #### A. Stator and Rotor * **Stator:** Contains copper windings that generate a rotating magnetic field when energized by AC power. * **Rotor:** A squirrel-cage type rotor that reacts to the magnetic field to produce mechanical rotation. #### B. The Terminal Box (TBA) The **"TBA"** designation usually signifies a **Terminal Box Type**. * **Internal Wiring:** Includes a terminal block for secure electrical connections rather than loose lead wires. * **Grounding:** Includes a dedicated grounding terminal to prevent electrical shock and reduce EMI (Electromagnetic Interference). * **IP Rating:** Provides a higher level of protection (often IP65) against dust and moisture compared to open-lead models. #### C. Capacitor (for Single-Phase versions) If operated on single-phase power, this motor requires a **run capacitor**. * **Role:** Creates a phase shift in the auxiliary winding to initiate rotation. * **Connection:** Usually connected across the "Main" and "Auxiliary" terminals within the terminal box. --- ### 4. Wiring Diagram Logic To control this unit electronically, the following logic is applied: ```mermaid graph LR A[AC Power Source] --> B[Switch/Relay] B --> C[Run Capacitor] C --> D[Motor Terminals] B --> D ``` --- ### 5. Maintenance and Safety * **Insulation Class:** Usually Class E or B (120°C - 130°C). * **Directional Control:** Direction is changed by swapping the connection of the capacitor to the opposite winding lead. * **Duty Cycle:** Designed for "Continuous Rating," meaning it can run 24/7 as long as the ambient temperature stays within -10°C to +40°C.
    ✨ Follow-up Questions
    • ⤷ What is the specific torque rating for the M3A18TBA-R with a 50:1 gear ratio?
    • ⤷ How do I wire this motor for reversible rotation?
    • ⤷ What is the NEMA equivalent frame size for this 18W motor?