データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A18TCD-R

  • AI
    The **M3A18TCD-R** is a specific high-performance memory module typically categorized under industrial or server-grade DRAM. Specifically, this part number refers to an **Innodisk DDR3L 1600MT/s 8GB ECC Unbuffered Long DIMM**. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3L (Double Data Rate 3 Low Voltage) | | **Form Factor** | Standard Long DIMM (240-pin) | | **Density** | 8GB | | **Data Rate** | 1600 MT/s (PC3L-12800) | | **Voltage** | 1.35V (Low Voltage) / 1.5V (Standard) | | **Error Correction** | ECC (Error Correcting Code) | | **Rank** | Dual Rank (2Rx8) | | **Operating Temp** | 0°C to +85°C (Commercial/Standard) | --- ### 2. Key Electronic Components The module is composed of several critical electronic sub-parts: #### A. DRAM Integrated Circuits (ICs) The core of the module consists of several memory chips (typically 18 chips for an ECC 2Rx8 configuration). These are usually high-density CMOS bits that store the data. Being **DDR3L**, these chips are designed to operate at 1.35V to reduce power consumption and heat dissipation compared to standard 1.5V DDR3. #### B. ECC Logic (Error Correcting Code) Unlike standard consumer RAM, this module includes extra storage bits (the "9th chip" per rank) to support ECC. - **Function:** It uses an algorithm to detect and fix single-bit memory errors and detect multi-bit errors. - **Electronic Impact:** Requires a specialized memory controller (found in Server/Workstation CPUs) to process the parity data. #### C. SPD EEPROM (Serial Presence Detect) This is a small, 8-pin integrated circuit located on the PCB. - **Role:** It stores the module’s configuration data (timings, voltage, manufacturer info). - **Interface:** Communicates with the motherboard via the **I2C/SMBus** protocol during the system boot (POST). #### D. Passive Components (Resistors & Capacitors) - **Decoupling Capacitors:** Small Surface Mount (SMD) capacitors located near each DRAM chip to filter electrical noise and stabilize the voltage supply. - **Termination Resistors:** Used to maintain signal integrity and prevent signal reflection across the high-speed data lines. --- ### 3. Pinout and Physical Interface The **240-pin** interface provides separate paths for: - **Data Lines (DQ):** 64 bits for data + 8 bits for ECC. - **Address/Command Lines:** To select specific memory cells. - **Clock Lines:** Differential clock signals to synchronize data transfers. - **Power Rails:** VDD (Core power) and VREF (Reference voltage). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between DDR3 and DDR3L in terms of motherboard compatibility?
    • ⤷ Why is ECC memory preferred for industrial applications over non-ECC?
    • ⤷ Can this module be used in a standard consumer desktop motherboard?