データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A23FCD-R

  • AI
    The **M3A23FCD-R** is an industrial-grade electronic component, specifically a high-frequency, high-stability **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in telecommunications and data transmission systems where precise timing and frequency control are required across varying temperatures. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Logic** | Clipped Sine Wave (usually) | | **Supply Voltage** | Typically 2.5V to 3.3V | | **Frequency Range** | Usually between 10 MHz and 52 MHz (model dependent) | | **Stability** | ±0.5 ppm to ±2.5 ppm (over temperature range) | | **Package Size** | 3.2mm x 2.5mm (Standard SMD) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### Key Internal Electronic Parts A TCXO like the M3A23FCD-R is not a simple crystal; it is an integrated module consisting of several functional blocks: 1. **Quartz Crystal Resonator:** The heart of the unit, which vibrates at a specific frequency when an electrical current is applied. 2. **Compensation Network:** A specialized circuit (often an ASIC) that senses the ambient temperature and adjusts the load capacitance to keep the crystal vibrating at the correct frequency. 3. **Varactor Diode:** Used within the compensation circuit to pull the frequency back to its nominal value as temperatures shift. 4. **Voltage Regulator:** An internal LDO (Low Dropout Regulator) that ensures internal voltage remains stable even if the external power supply fluctuates slightly. 5. **Output Buffer:** An amplifier stage that shapes the signal (into a clipped sine wave or CMOS) and provides the necessary drive strength for the rest of the PCB. --- ### Common Applications Because of its high stability and compact SMD (Surface Mount Device) footprint, this part is commonly found in: * **Wireless Communication:** GPS/GNSS receivers, Wi-Fi modules, and LTE base stations. * **Networking:** Synchronous Ethernet and high-speed routers. * **IoT Devices:** Low-power sensors that require accurate timing for long-range data transmission (LoRa, Sigfox). --- ### Pin Configuration (Typical 4-Pin) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Vcont | No connection or Voltage Control (for VCTCXOs) | | **2** | GND | Ground connection | | **3** | Output | The generated clock signal | | **4** | Vcc | Positive supply voltage |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard XO crystal?
    • ⤷ How does 'Clipped Sine Wave' output benefit electronic circuit design?
    • ⤷ Can the M3A23FCD-R be used in automotive applications?