データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A25FAD-R

  • AI
    The **M3A25FAD-R** is a high-performance, automotive-grade power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in high-current switching applications. It is designed to handle significant power loads with high efficiency. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for this part: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Utilizes electrons as charge carriers. | | **Drain-Source Voltage ($V_{DSS}$)** | 25V - 30V | Maximum voltage the device can withstand when off. | | **Continuous Drain Current ($I_D$)** | ~30A - 50A | Amount of current the device can handle continuously. | | **RDS(on)** | Low (mΩ range) | Resistance between Drain and Source when "on". | | **Package Type** | DPAK / TO-252 | Surface-mount package optimized for heat dissipation. | | **Operating Temperature** | -55°C to +175°C | Standard automotive/industrial temperature range. | --- ### Key Electronic Features 1. **Low RDS(on):** The "On-Resistance" is minimized to reduce power loss through heat. This is critical for battery-powered or high-efficiency systems. 2. **Logic Level Gate Drive:** The device can often be triggered by low-voltage logic (like 5V from a microcontroller), making it easy to interface with digital circuits. 3. **Fast Switching Speed:** Low gate charge ($Q_g$) allows the transistor to turn on and off rapidly, which is essential for PWM (Pulse Width Modulation) applications. 4. **Avalanche Ruggedness:** Designed to survive transient voltage spikes that occur when switching inductive loads like motors or solenoids. --- ### Common Applications * **Automotive Systems:** Power steering, ABS, and fuel injection systems. * **DC-DC Converters:** Used as a switch to step up or step down voltages in power supplies. * **Motor Control:** Driving DC motors in robotics or industrial tools. * **Load Switching:** Acting as a solid-state relay to turn power on/off for specific peripheral circuits. --- ### Circuit Symbolism In a schematic, this part is represented by the standard N-Channel MOSFET symbol: * **Gate (G):** The control pin. * **Drain (D):** The input current pin. * **Source (S):** The output/ground pin.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M3A25FAD-R?
    • ⤷ How do I calculate the heat sink requirements for this MOSFET?
    • ⤷ Can this MOSFET be driven directly by a 3.3V GPIO pin?