データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A25FBA-R

  • AI
    The **M3A25FBA-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific high-frequency magnetic component, often utilized in power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The following table outlines the general parameters associated with this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Power Inductor / Ferrite Bead | | **Inductance / Impedance** | Dependent on specific frequency (often 25 $\Omega$ or $\mu$H range) | | **Current Rating** | High Current Capacity (typically 2A - 5A) | | **DC Resistance (DCR)** | Very Low (m$\Omega$ range) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | Compact SMD (e.g., 0805 or 1206 footprint) | --- ### 2. Key Electronic Features * **High Current Handling:** Designed to manage significant power throughput without saturating the magnetic core. * **Low DCR:** The low direct-current resistance ensures minimal power loss (heat generation) during operation, increasing overall circuit efficiency. * **EMI Suppression:** Often used to filter high-frequency noise in DC-to-DC converters and power supply lines. * **Robust Construction:** The "R" suffix often denotes "RoHS Compliant" or a specific "Reel" packaging for automated pick-and-place assembly. --- ### 3. Application Use-Cases In electronic design, the M3A25FBA-R is primarily integrated into the following areas: 1. **Voltage Regulator Modules (VRM):** Used to smooth out voltage ripples in CPUs or GPUs. 2. **Decoupling Networks:** Acts as a filter to prevent noise from one part of a circuit from affecting another. 3. **Battery Management Systems (BMS):** Provides stable current flow in portable electronics. 4. **Signal Integrity:** Used in high-speed data lines to suppress electromagnetic interference (EMI). --- ### 4. Comparison with Standard Inductors Unlike standard axial inductors, this SMD part focuses on: * **Space Efficiency:** Minimal vertical profile for thin devices (smartphones, tablets). * **Shielding:** Many parts in this series are magnetically shielded to prevent interference with nearby sensitive components.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the M3A25FBA-R in millimeters?
    • ⤷ Does this component require specific thermal management or heatsinking?
    • ⤷ How does the impedance change at frequencies above 100MHz?