データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A25TCX-R

  • AI
    ### Technical Overview: M3A25TCX-R The **M3A25TCX-R** is a specific model of a **Mini-ITX Motherboard** typically used in industrial computing, digital signage, or embedded systems. Below is a breakdown of its core electronic components and specifications. --- ### 1. Core Specifications The M3A25TCX-R is generally based on an AMD platform, designed for low power consumption and high reliability. | Component | Specification | | :--- | :--- | | **Form Factor** | Mini-ITX (170mm x 170mm) | | **Processor Support** | Integrated AMD G-Series or R-Series (APU) | | **Chipset** | AMD A50M or similar FCH (Fusion Controller Hub) | | **Memory Support** | DDR3/DDR3L SO-DIMM Slots (Up to 8GB or 16GB) | | **Storage Interfaces** | SATA III (6.0 Gb/s) Ports | | **Expansion** | 1x PCIe x16 slot, Mini-PCIe slots | --- ### 2. Electronic Connectivity & I/O The board features a high density of electronic interfaces to facilitate peripheral communication. #### Rear I/O Components: * **Video Outputs:** Often includes a mix of VGA, DVI-D, and HDMI to support dual-independent displays. * **Network (LAN):** Dual Gigabit Ethernet controllers (Realtek or Intel) for redundant networking. * **USB:** Multiple USB 2.0 and USB 3.0 ports. * **Audio:** Realtek ALC series High Definition Audio codec with Line-out/Mic-in jacks. #### Internal Headers: * **Serial Ports:** RS-232/422/485 headers (crucial for industrial automation). * **GPIO:** General Purpose Input/Output pins for hardware triggers. * **TPM:** Trusted Platform Module header for hardware-based security. --- ### 3. Power Management & Thermal Design * **Power Input:** Typically utilizes a standard 24-pin ATX power connector or a 12V DC-in jack depending on the specific revision. * **Thermal Solution:** Usually features a passive heatsink (fanless) or a low-profile active cooling fan, designed for 24/7 operation. * **Solid Capacitors:** High-quality solid-state capacitors are used to ensure longevity and stability under high-temperature environments. --- ### 4. Key Electronic ICs (Integrated Circuits) | IC Type | Function | | :--- | :--- | | **Super I/O** | Manages serial ports, hardware monitoring (voltage/temp), and fan speeds. | | **BIOS Chip** | SPI Flash ROM for firmware storage and UEFI booting. | | **VRM Section** | Voltage Regulator Modules that convert power supply voltage to the precise levels required by the CPU/RAM. |
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (voltage/wattage) for the M3A25TCX-R?
    • ⤷ Which operating systems are officially supported by this motherboard's drivers?
    • ⤷ Does this model support mSATA or M.2 NVMe storage expansions?