データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A26FAA-R

  • AI
    The **M3A26FAA-R** is a high-performance cooling fan manufactured by **Nidec**, commonly utilized in high-density computing environments such as servers, networking equipment, and industrial workstations. --- ### Technical Specifications The electronics of this part are designed for high efficiency and precision control. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Nidec Corporation | | **Operating Voltage** | 12V DC | | **Current Rating** | ~1.40A to 1.80A (depending on specific revision) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Connector** | 4-Pin / 6-Pin (OEM dependent) | | **Functionality** | PWM Speed Control & Tachometer Output | --- ### Key Electronic Components & Features #### 1. Brushless DC (BLDC) Motor Driver The core of the M3A26FAA-R is a **3-phase brushless motor**. Unlike brushed motors, this uses an integrated circuit (IC) to electronically commute the magnetic fields. * **Benefits:** No brush wear, reduced electromagnetic interference (EMI), and higher reliability. #### 2. PWM (Pulse Width Modulation) Logic The "R" suffix often denotes advanced control logic. The internal PCB contains a controller that accepts a **PWM signal** (typically 25kHz). * **Duty Cycle:** By varying the duty cycle of the signal, the system can precisely adjust the RPM from a low idle to maximum speed (e.g., 10,000+ RPM). #### 3. Feedback Circuitry (Tachometer) The fan includes a **Hall Effect Sensor**. This sensor detects the passing of the internal magnets and outputs a square wave signal (FG/Frequency Generator signal). * **System Monitoring:** This allows the motherboard or server BMC to monitor the fan's health and detect stalls or failures instantly. #### 4. Protection Circuitry The internal PCB is equipped with several safety components: * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the DC input leads are accidentally swapped. * **Auto-Restart:** Periodically attempts to spin the fan again once an obstruction is removed. --- ### Pinout Configuration (Standard 4-Wire) If using the standard 4-pin interface, the electronic wiring typically follows this logic: 1. **Black:** Ground (GND) 2. **Red/Yellow:** Power (+12V) 3. **Green/White:** Tachometer (Speed signal output) 4. **Blue:** PWM (Speed control input)
    ✨ Follow-up Questions
    • ⤷ What are the airflow (CFM) ratings for the M3A26FAA-R?
    • ⤷ How do I troubleshoot a 'Fan Failure' error with this specific Nidec model?
    • ⤷ Can this fan be used in a standard PC build without an external controller?