M3A26FAD-R
AI

The **M3A26FAD-R** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, often manufactured by companies like ROHM Semiconductor or similar discrete component specialists.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed for voltage regulation or protection against voltage spikes in compact electronic circuits.
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Zener Diode / Voltage Regulator |
| **Package Type** | SOD-128 (or similar PMDTM package) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Zener Voltage ($V_z$)** | Approximately 24V - 28V (depending on specific series suffix) |
| **Power Dissipation ($P_d$)** | 3.0 Watts (High power for its size) |
| **Operating Temperature** | -55°C to +150°C |
---
### 2. Key Features
* **High Power Density:** Despite its small footprint, it can handle up to 3W of power dissipation, making it ideal for space-constrained power supplies.
* **Silicon Epitaxial Planar Structure:** Ensures high reliability and stable electrical characteristics over time.
* **Automotive Grade:** Often available in AEC-Q101 qualified versions for use in harsh automotive environments.
---
### 3. Pinout and Internal Logic
The device is a two-terminal discrete component.
```mermaid
graph LR
A[Anode] ---|>|--- B[Cathode/Marked Band]
```
* **Anode:** The positive terminal in forward bias.
* **Cathode:** Identified by a printed band on the body. In Zener mode (regulation), the current flows from Cathode to Anode.
---
### 4. Typical Applications
The M3A26FAD-R is commonly used in the following scenarios:
1. **Voltage Regulation:** Maintaining a fixed voltage level in power supply rails.
2. **Surge Protection:** Protecting sensitive ICs from "load dump" scenarios in automotive electronics.
3. **Waveform Clipping:** Shaping signals by limiting the maximum voltage amplitude.
---
### 5. Schematic Symbol
In professional PCB design software (like Altium or Eagle), the part is represented as:
```text
Cathode (K)
|
/ \
/---\ <-- Zener Bar
/ \
|
Anode (A)
```
- ⤷
What is the exact Zener voltage tolerance for the 'R' suffix in this part?
- ⤷ Can this diode be used for bidirectional ESD protection?
- ⤷ What are the recommended PCB land pattern dimensions for the SOD-128 package?