データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A26FCG-R

  • AI
    The **M3A26FCG-R** is a specific part number typically associated with **TDK-Lambda** power modules, specifically within the **CN-A series** of DC-DC converters designed for railway and high-reliability industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Device Overview The M3A26FCG-R belongs to the category of **Isolated DC-DC Converters**. These components are designed to convert a wide range of DC input voltages into a regulated, stable DC output while providing galvanic isolation between the input and output stages. ### Key Specifications Table | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 60V - 160V DC (Standard for Railway) | | **Output Voltage** | 24V DC (Regulated) | | **Output Current** | Approx. 4.2A | | **Output Power** | 100W | | **Isolation Voltage** | 3.0kVAC (Input to Output) | | **Package Type** | Quarter Brick (Industry Standard) | | **Operating Temp** | -40°C to +100°C (Baseplate) | --- ## 2. Electronic Component Breakdown ### A. Power Stage * **Switching Topology:** Uses high-frequency Pulse Width Modulation (PWM) to achieve high efficiency (typically >88%). * **Isolation Transformer:** Provides the 3kVAC barrier, protecting the load from input-side surges and noise. ### B. Protection Circuitry The module integrates several electronic protection features: 1. **Overcurrent Protection (OCP):** Automatically limits output if the load exceeds 105% of rated capacity. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage rises above a safety threshold. 3. **Thermal Shutdown:** Protects the internal semiconductors from damage if the baseplate exceeds $100^\circ C$. ### C. Control Interface * **Remote On/Off:** Allows the system to toggle the power supply electronically without breaking the main power lines. * **Voltage Trim:** An external resistor can be added to adjust the output voltage slightly (e.g., $\pm 10\%$). * **Remote Sense:** Compensates for voltage drops across long output wires to ensure the load receives exactly 24V. --- ## 3. Physical & Design Considerations The "FCG" and "R" suffixes in TDK-Lambda nomenclature often refer to specific mounting and compliance features: * **Baseplate Cooling:** Must be mounted to a heatsink or metal chassis, as it relies on conduction cooling. * **Railway Compliance:** Designed to meet **EN50155**, which governs electronic equipment used on rolling stock (vibration, shock, and temperature cycles). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the M3A26FCG-R baseplate?
    • ⤷ How does the Remote Sense feature affect the wiring layout?
    • ⤷ What is the recommended external fuse rating for the 110V input line?