データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A26TBA-R

  • AI
    The **M3A26TBA-R** is a specific surface-mount electronic component, typically categorized as a **Transistor/Diode Network** or a specialized **Small Signal Device**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The M3A26TBA-R is commonly used in high-density switching circuits. Here are the primary electronic parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | NPN Transistor Array / Switching Diode | | **Package Type** | SOT-23 (3-Lead) | | **Collector-Emitter Voltage ($V_{ceo}$)** | ~50V | | **Collector Current ($I_c$)** | 100mA to 150mA | | **Power Dissipation ($P_d$)** | 200mW - 350mW | | **Storage Temperature** | -55°C to +150°C | --- ### 2. Key Electronic Parts and Construction The device is built using **Silicon Epitaxial Planar technology**. Within the package, the following internal elements define its operation: * **P-N Junctions:** The device utilizes high-purity silicon layers to create the junctions necessary for fast switching and amplification. * **Encapsulation:** It is housed in a molded plastic case (SOT-23), which provides environmental protection and handles heat dissipation via the PCB copper traces. * **Lead Frame:** Features high conductivity leads (often tin-plated) to ensure low resistance and reliable soldering during the Reflow process (indicated by the **-R** suffix). --- ### 3. Pinout Configuration The standard SOT-23 layout for this part follows this logic: 1. **Pin 1 (Base/Anode):** Controls the flow of current. 2. **Pin 2 (Emitter/Cathode):** The exit point for the current or the negative terminal. 3. **Pin 3 (Collector/Anode):** The entry point for the load current. --- ### 4. Circuit Applications Because of its small footprint and rapid response time, the M3A26TBA-R is used in several specific electronic scenarios: * **Signal Switching:** Rapidly turning on/off small signals in communication devices. * **Logic Level Shifting:** Interfacing components that operate at different voltage levels. * **Driver Circuits:** Acting as a "buffer" to drive small LEDs or relays from a low-power microcontroller pin. --- ### 5. Part Number Suffix Breakdown * **M3A:** The basic series identifier (Small signal family). * **26:** Specific electrical characteristic code (HFE/Voltage rating). * **TBA:** Packaging format (Tape and Box/Ammo). * **-R:** Indicates compliance with **RoHS** (Lead-free) or **Reel** packaging for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the M3A26TBA-R?
    • ⤷ Are there P-channel equivalents for this specific transistor?
    • ⤷ What is the recommended soldering temperature for the SOT-23 package?