データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A61TBA-R

  • AI
    The **M3A61TBA-R** is a specialized high-performance cooling fan manufactured by **Nidec**. It belongs to the UltraFlo series, commonly used in servers, industrial equipment, and telecommunications for high-static pressure cooling. --- ### 1. Technical Specifications Below are the primary electronic and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Nidec (UltraFlo Series) | | **Operating Voltage** | 12V DC | | **Operating Range** | 7.0V to 13.2V | | **Current Rating** | ~3.30A to 4.0A (High Power) | | **Power Consumption** | Approx. 39.6W - 48W | | **Speed (RPM)** | High Speed (up to 14,000+ RPM) | | **Bearing Type** | Dual Ball Bearing | | **Dimensions** | 60mm x 60mm x 38mm | --- ### 2. Key Electronic Components & Internal Logic The "R" suffix and the model number indicate specific internal electronic configurations: #### A. Brushless DC (BLDC) Motor The fan utilizes a 3-phase brushless motor design. Unlike brushed motors, this uses an integrated circuit (IC) to switch the electromagnetic fields, reducing friction and electronic noise while increasing lifespan. #### B. PWM Control (Pulse Width Modulation) The electronic board inside the fan usually features a 4-wire interface: * **Red:** Positive (+12V) * **Black:** Ground (GND) * **Yellow/White:** Tachometer (Frequency Generator - outputs 2 pulses per revolution) * **Blue:** PWM Input (Allows the motherboard or controller to adjust speed from 0-100%) #### C. Protection Circuitry The internal PCB includes: * **Locked Rotor Protection:** Automatically cuts or limits power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are swapped accidentally. * **Soft Start:** Gradually ramps up the current to prevent power surges on the system's power supply. --- ### 3. Applications Due to the high current draw (4A), these fans are not meant for standard consumer PCs. They are typically found in: 1. **1U/2U Rack Servers:** Where high static pressure is needed to push air through dense heat sinks. 2. **ASIC Miners:** Used for cooling high-wattage cryptocurrency mining chips. 3. **Industrial Inverters:** Cooling power electronics in harsh environments. --- ### 4. Implementation Example To control this fan using an external microcontroller (like an Arduino), you must use a separate power source because the 4A draw will damage most controller boards. ```cpp // Example: Basic PWM fan control logic int pwmPin = 9; // Connect to Blue wire void setup() { pinMode(pwmPin, OUTPUT); // Set PWM frequency to 25kHz (Standard for Nidec/Delta fans) TCCR1A = _BV(COM1A1) | _BV(WGM11); TCCR1B = _BV(WGM13) | _BV(CS10); ICR1 = 320; // Set TOP for 25kHz } void loop() { analogWrite(pwmPin, 160); // Run at 50% duty cycle } ```
    ✨ Follow-up Questions
    • ⤷What is the pinout color code for this specific Nidec model?
    • ⤷ Can this fan be powered directly from a standard 4-pin motherboard header?
    • ⤷ What are the noise levels (dB) for the M3A61TBA-R at max RPM?