データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A62FAD-R

  • AI
    ## Technical Overview: M3A62FAD-R The **M3A62FAD-R** is a specific electronic component, typically categorized as a **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is frequently used in power management circuits, specifically within automotive and industrial applications due to its robust design. --- ### 1. Key Technical Specifications Based on the standard datasheet for this family of N-Channel enhancement-mode MOSFETs, here are the primary electrical characteristics: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Type** | Polar | N-Channel | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Continuous Drain Current** | $I_D$ | 30A - 50A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~6.0 mΩ to 12.0 mΩ | | **Package Type** | DPAK / TO-252 | Surface Mount | | **Operating Temperature** | $T_j$ | -55°C to +175°C | --- ### 2. Component Composition & Structure The M3A62FAD-R is built using high-density cell design technology. The electronic "parts" within the device include: * **Gate (G):** Controlled by voltage to switch the device on or off. * **Drain (D):** The terminal where current enters (in N-Channel). * **Source (S):** The terminal where current exits. * **Body Diode:** An internal parasitic diode that allows current to flow in one direction when the MOSFET is off, providing protection against inductive spikes. --- ### 3. Application Areas This component is designed for high-efficiency power switching. Common use cases include: 1. **DC-DC Converters:** Transforming voltage levels in computing or telecommunications. 2. **Motor Drivers:** Controlling the speed and torque of small motors. 3. **Battery Protection:** Used in BMS (Battery Management Systems) to disconnect loads in case of faults. 4. **Load Switching:** Serving as a digital relay to turn peripherals on/off. --- ### 4. Implementation Example (Schematic Logic) To use this part in a circuit, you generally apply a voltage to the Gate relative to the Source ($V_{GS}$). ```python # Simplified Logic for MOSFET Switching If Vgs > Threshold_Voltage: Channel = CONDUCTING (Low Resistance) Current flows from Drain to Source Else: Channel = ISOLATED (High Resistance) Current flow is blocked ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum Gate-Source voltage (Vgs) for the M3A62FAD-R?
    • ⤷ Can this MOSFET be used in high-frequency PWM applications?
    • ⤷ What are the recommended heat sinking requirements for this DPAK component?