データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A64FBA-R

  • AI
    The **M3A64FBA-R** is a specific part number typically associated with **DDR3 SDRAM (Synchronous Dynamic Random-Access Memory)** modules, often manufactured by companies like Micron or utilized in specialized networking and computing hardware. Below is a breakdown of its technical characteristics and electronic components. --- ### 1. General Specifications This part is part of the DDR3 family, designed for high-speed data transfer and lower power consumption compared to its predecessor (DDR2). | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Capacity** | Typically 2GB or 4GB (Model dependent) | | **Speed** | PC3-10600 (1333 MHz) or PC3-8500 (1066 MHz) | | **Voltage** | 1.5V (Standard) | | **Form Factor** | 240-pin DIMM / FBGA | | **ECC Support** | Usually Non-ECC (Standard Consumer/Commercial) | --- ### 2. Key Electronic Components The physical module (PCB) consists of several critical electronic parts that work in unison: #### A. DRAM Chips (FBGA Package) The most prominent parts are the black rectangular chips. The "FBA" in the part number often refers to the **Fine-pitch Ball Grid Array (FBGA)** packaging. * **Function:** Stores the actual binary data in capacitor/transistor cells. * **Technology:** Uses 8n-prefetch architecture to reach high speeds. #### B. SPD (Serial Presence Detect) EEPROM A small 8-pin chip located on the PCB. * **Function:** Stores timing data, manufacturer info, and voltage requirements. * **Communication:** The BIOS/UEFI reads this chip via the I2C bus to configure memory settings automatically. #### C. Decoupling Capacitors (MLCC) Small surface-mount components scattered near the DRAM chips. * **Function:** Filters electrical noise and stabilizes the voltage supplied to the memory chips to prevent data corruption during high-speed switching. #### D. Termination Resistors * **Function:** These manage signal integrity by preventing "signal reflection" at the end of the transmission lines on the PCB. --- ### 3. Pinout and Interface The **240-pin interface** is divided into specific functional groups: 1. **Address Pins:** Define the specific location in the memory bank to read/write. 2. **Data Pins (DQ):** The bidirectional lines that carry the actual data. 3. **Command Pins (RAS, CAS, WE):** Control the timing and type of operation (Row Address Strobe, Column Address Strobe, Write Enable). 4. **Clock Pins (CK, CK#):** Synchronize the timing of the data transfers. --- ### 4. Technical Advantages * **Fly-by Topology:** Unlike DDR2, DDR3 uses a "fly-by" architecture for commands and addresses to improve signal integrity at higher frequencies. * **ASR (Automatic Self-Refresh):** Includes an internal sensor to adjust the refresh rate based on temperature, reducing power consumption.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FBGA and TSOP packaging in RAM?
    • ⤷ How do I verify if this part is compatible with my specific motherboard?
    • ⤷ What does the -R suffix signify in this specific part number?