データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A66TAG-R

  • AI
    The **M3A66TAG-R** is a specific model of a **Liquid Crystal Display (LCD)** module, commonly used in industrial equipment, medical devices, or specialized monitors. It is often associated with manufacturers like **Mitsubishi** or specialized display providers. Below is an explanation of its core electronic parts and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Panel Type** | a-Si TFT-LCD (Active Matrix) | | **Screen Size** | Typically 6.6 inches | | **Resolution** | 640 x 240 (HVGA) or specialized wide aspect | | **Interface** | CMOS / TTL (Parallel Data) | | **Backlight** | CCFL (Cold Cathode Fluorescent Lamp) or LED (Model dependent) | | **Input Voltage** | 3.3V / 5.0V (Logic) | --- ### 2. Core Electronic Components #### A. The TFT-LCD Panel The heart of the module is the **Thin-Film Transistor (TFT)** glass. This layer consists of millions of individual transistors that act as switches for the liquid crystal pixels. Because it is an "Active Matrix" display, each pixel maintains its state, providing better contrast and faster response times compared to passive displays. #### B. Driving Circuitry (Source & Gate Drivers) Located on the edges of the glass (often via COG - Chip on Glass technology), these ICs receive data signals and convert them into voltages that twist the liquid crystals to allow or block light. * **Gate Driver:** Selects the row of pixels. * **Source Driver:** Delivers the specific color/brightness data to the columns. #### C. Backlight Unit (BLU) The "R" in the suffix often denotes specific revisions regarding the backlight or brightness. * **Older Versions:** Use CCFL tubes, requiring a high-voltage **Inverter** to function. * **Newer/Revised Versions:** May utilize LED strings, requiring a constant-current **LED Driver**. #### D. The Interface Connector The M3A66TAG-R typically uses a multi-pin connector (e.g., 31-pin or 40-pin) to handle: * **Power Rails:** VCC for logic and VDD for the panel. * **RGB Data:** Parallel bits for Red, Green, and Blue. * **Timing Signals:** H-Sync (Horizontal), V-Sync (Vertical), and Clock (DCLK). --- ### 3. Usage and Compatibility Notes * **Industrial Ruggedness:** These parts are designed for longevity (long life cycles) and often feature a wide operating temperature range. * **Signal Conversion:** If connecting this to a modern PC, an **A/D Board (Analog-to-Digital)** is required to convert HDMI or VGA signals into the TTL/CMOS signals the panel understands. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M3A66TAG-R interface?
    • ⤷ How can I convert an HDMI signal to work with this LCD?
    • ⤷ Does this model use a CCFL or LED backlight?