データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A66TBA-R

  • AI
    The **M3A66TBA-R** is an electronic component, specifically a **Varistor (MOV - Metal Oxide Varistor)** manufactured by **Panasonic**. It is designed for circuit protection against high-voltage surges and transients. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature used by Panasonic for their ZNR (Zinc-Oxide Non-linear Resistor) series. | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Series** | V Series (High Surge Current) | | **Varistor Voltage** | 660V (Nominal) | | **Energy Absorption** | High Joule Rating | | **Mounting Type** | Through-Hole (Radial Leads) | | **Application** | Surge protection in power supplies / industrial equipment | --- ### 2. Functional Description The primary role of the M3A66TBA-R is **Overvoltage Protection**. It acts as a voltage-dependent resistor with a non-linear V-I characteristic: * **Normal State:** Under normal operating voltages, the device has high impedance and acts as an open circuit. * **Surge State:** When a high-voltage spike (like lightning or inductive switching) occurs, the varistor's resistance drops rapidly. This "clamps" the voltage to a safe level and shunts the excess current to the ground, protecting sensitive downstream components. --- ### 3. Part Number Breakdown (Typical Panasonic Format) | Code | Meaning | | :--- | :--- | | **M** | Metal Oxide Varistor | | **3A** | Element size/diameter (Internal Panasonic code) | | **66** | Voltage rating code (660V range) | | **TBA-R** | Packaging style (Taped/Box) and RoHS compliance | --- ### 4. Circuit Implementation In a typical power entry circuit, the M3A66TBA-R is placed across the AC lines or between Line and Ground. ```cpp // Basic Surge Protection Placement [Line In] ----+---- [Fuse] ---- [Load] | [Varistor] | [Neutral] ----+---------------- [Load] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M3A66TBA-R?
    • ⤷ What are the common failure modes of this varistor?
    • ⤷ Can this part be used in 220V AC applications?