データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A71TBD-R

  • AI
    The **M3A71TBD-R** refers to a specific motherboard model, primarily associated with the **ASUS** M3A series (specifically variants using the AMD 770 chipset). These boards were designed for the AM2/AM2+ socket era, supporting Phenom, Athlon, and Sempron processors. --- ### 1. Core Component Specifications The following table outlines the primary electronic architecture of the board: | Component | Specification | | :--- | :--- | | **CPU Socket** | AMD Socket AM2+ / AM2 | | **Chipset** | AMD 770 (Northbridge) + SB700 (Southbridge) | | **Memory Slots** | 4 x DIMM, Max. 8GB, DDR2 1066/800/667 MHz | | **Expansion Slots** | 1 x PCIe 2.0 x16, 2 x PCIe x1, 3 x PCI | | **Storage** | 6 x SATA 3Gb/s (RAID 0, 1, 10), 1 x UltraDMA 133/100 | | **Audio** | Realtek ALC883, 8-channel High Definition Audio | --- ### 2. Key Electronic Features #### Power Phase Design This motherboard typically utilizes a **4+1 Phase Power Design**. * **Purpose:** The 4 phases supply power to the CPU core, while the extra phase handles the integrated memory controller. * **Components:** It uses high-quality solid capacitors and ferrite core chokes to ensure stability under high thermal loads and improve the lifespan of the VRM (Voltage Regulator Module). #### ASUS Stack Cool 2 This is a fan-less cooling solution implemented on the PCB (Printed Circuit Board). It uses a specialized layer of copper inside the PCB to dissipate heat generated by critical components to the opposite side of the board, effectively lowering temperatures without adding noise. #### Precision Tweaker (Overclocking Electronics) The board includes dedicated electronic controllers for fine-tuning system performance: * **vCore:** Adjustable CPU voltage at 0.0125V increments. * **vMemory:** 4-step DRAM voltage control. * **vChipset:** 2-step voltage control for the Northbridge. --- ### 3. External I/O Connectivity The electronic interface for external devices includes: ```yaml Back_Panel_Ports: - 1 x PS/2 Keyboard (Purple) - 1 x PS/2 Mouse (Green) - 1 x Coaxial S/PDIF Out - 1 x LAN (RJ45) port - 6 x USB 2.0/1.1 - 8-channel Audio I/O ``` --- ### 4. Safety and Longevity Features * **ASUS Q-Fan:** Automatically adjusts CPU and chassis fan speeds based on system loading and temperature. * **EZ Flash 2:** Allows BIOS updates directly from a USB flash disk before entering the OS, reducing the risk of BIOS corruption. * **Overcurrent Protection:** Integrated fuses to prevent short circuits from damaging the board's traces.
    ✨ Follow-up Questions
    • ⤷What are the compatible CPUs for the AM2+ socket on this board?
    • ⤷ Does the M3A71TBD-R support DDR3 memory?
    • ⤷ What is the maximum SATA speed supported by the SB700 Southbridge?