データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A72TCD-R

  • AI
    The **M3A72TCD-R** is an industrial-grade motherboard typically used in embedded systems, kiosks, and automation. It is designed by manufacturers like **Avalue** or **BCM** to provide long-term reliability compared to consumer-grade hardware. Below is a breakdown of its key electronic components and technical specifications. --- ### 1. Core Architecture & Chipset This board is built on the **AMD RS780 / SB700** chipset architecture. It was designed to support power-efficient processors while maintaining robust I/O capabilities. | Component | Specification | | :--- | :--- | | **Socket** | AMD Socket AM2+ / AM2 | | **Northbridge** | AMD RS780 (AMD 780G) | | **Southbridge** | AMD SB700 | | **Form Factor** | Micro-ATX | --- ### 2. Memory and Power Regulation The board utilizes specific electronic parts to ensure stable power delivery under continuous operation. * **RAM Slots:** 4x 240-pin DIMM slots supporting DDR2 800/667 MHz. * **Voltage Regulators (VRMs):** Uses solid-state capacitors and multi-phase power chokes to convert power-supply voltage into stable CPU core voltage. * **Power Input:** Standard 24-pin ATX power connector + 4-pin 12V CPU power connector. --- ### 3. I/O Controllers and Connectivity Industrial boards like the M3A72TCD-R feature specific "Super I/O" chips to handle legacy ports and hardware monitoring. | Interface Type | Controller / Description | | :--- | :--- | | **Graphics** | Integrated ATI Radeon HD 3200 (DirectX 10) | | **Ethernet** | Dual Realtek RTL8111C Gigabit LAN controllers | | **Audio** | Realtek ALC888 7.1+2 Channel HD Audio Codec | | **Storage** | 6x SATA II (3.0 Gb/s) supporting RAID 0, 1, 10 | | **Super I/O** | Winbond or ITE chip for Serial (COM), Parallel, and PS/2 | --- ### 4. Expansion Slots For specialized industrial hardware (like capture cards or CNC controllers), the board provides: * **1 x PCIe x16:** For high-end discrete graphics or FPGA cards. * **1 x PCIe x1:** For networking or modern expansion. * **2 x PCI (Legacy):** Critical for industrial legacy hardware that uses the 32-bit PCI interface. --- ### 5. Specialized Industrial Features Unlike consumer boards, the M3A72TCD-R includes specific electronic features for "headless" or remote operation: * **Watchdog Timer:** A hardware circuit that resets the system automatically if the software freezes. * **Hardware Monitoring:** Sensors for CPU temperature, system temperature, and fan speed. * **CMOS Header:** For clearing BIOS settings via a physical jumper.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU models for the AM2+ socket on this board?
    • ⤷ How do I configure the Watchdog Timer for automated system recovery?
    • ⤷ Does this motherboard support LVDS for direct flat-panel display connections?