データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A73FCG-R

  • AI
    The **M3A73FCG-R** is a high-performance, compact DC-DC power module (often categorized as a Point-of-Load or POL converter) manufactured by **Murata**. It is designed specifically to provide high current at low voltages for advanced processors, FPGAs, and ASICs. --- ### 1. Key Technical Specifications The device is part of the MonoBlock series, known for its extremely high power density and efficiency. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 14V | | **Output Voltage Range** | 0.7V to 1.8V (Programmable) | | **Max Output Current** | 6A | | **Efficiency** | Up to 93% | | **Package Type** | Surface Mount (SMD/LGA) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Components & Features The "electronic parts" within this module are integrated into a single 3D structure to save space and improve thermal performance. #### A. Integrated Inductor Unlike traditional DC-DC setups where the inductor is a separate, bulky component on the PCB, the M3A73FCG-R integrates the inductor directly into the module. This reduces **Electromagnetic Interference (EMI)** and saves significant board real estate. #### B. Control Integrated Circuit (IC) The heart of the module is a high-frequency synchronous buck controller. It manages: * **Pulse Width Modulation (PWM):** Adjusting power delivery based on load. * **Soft Start:** Gradually increasing voltage to prevent inrush current. * **Voltage Sensing:** Remote sensing to ensure precise voltage delivery at the load point. #### C. Power MOSFETs The module contains internal N-Channel MOSFETs arranged in a synchronous rectification topology. This reduces power loss compared to using diodes, which is why the module achieves over 90% efficiency. #### D. Protection Circuitry The internal logic provides three main layers of protection: 1. **OCP (Over-Current Protection):** Shuts down or limits current if the load draws too much. 2. **OTP (Over-Temperature Protection):** Thermal shutdown if the module overheats. 3. **UVLO (Under-Voltage Lock-Out):** Prevents the module from operating if the input voltage is too low to guarantee stability. --- ### 3. Application Use Cases Because of its small footprint and 6A capability, it is primarily used in: * **Telecommunications:** Base stations and networking switches. * **Computing:** Powering high-speed data buses and I/O rails. * **Industrial:** Compact PLC controllers and imaging equipment. --- ### 4. Implementation Code (Example) While this is a hardware component, it is often used in systems controlled by a PMBus or simple PGOOD (Power Good) signals. Below is a conceptual logic check for a microprocessor monitoring this module: ```python # Conceptual Python logic for monitoring a Power Good signal from the module def check_power_status(pgood_pin): if pgood_pin == "HIGH": print("M3A73FCG-R Output is stable. System Booting...") return True else: print("ERROR: Power Rail Fault Detected.") return False ```
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the LGA package of this module?
    • ⤷ How do I calculate the external resistor value to set the output voltage?
    • ⤷ Does this module support the PMBus protocol for digital power management?