データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A74FAD-R

  • AI
    The **M3A74FAD-R** is a specialized industrial-grade motherboard designed by **Avalue Technology**. It is based on the **AMD RS780 + SB700** chipset architecture, specifically engineered for embedded computing, automation, and kiosk applications. Below is a detailed breakdown of its electronic components and specifications. ### 1. Core Chipset and Processor Support The board utilizes an older but highly stable AMD architecture designed for longevity in industrial environments. | Component | Specification | | :--- | :--- | | **CPU Socket** | AM3/AM2+ Socket | | **Supported CPUs** | AMD Phenom™ II, Athlon™ II, Sempron™ (Up to 95W TDP) | | **Northbridge** | AMD RS780 (AMD 780G) | | **Southbridge** | AMD SB700 | | **Front Side Bus** | HyperTransport 3.0 (up to 5200 MT/s) | --- ### 2. Memory and Storage Interfaces The board features industrial-standard memory slots and diverse storage options for legacy and modern integration. * **RAM:** 2 x 240-pin DIMM slots supporting Dual Channel DDR2 667/800MHz (Max 4GB). * **SATA:** 6 x SATA II (3.0 Gb/s) connectors supporting RAID 0, 1, 10. * **Legacy Storage:** Includes 1 x IDE (ATA) connector and 1 x CompactFlash (CF) Type I/II socket for embedded OS booting. --- ### 3. Integrated Electronics (I/O & Graphics) The "R" suffix in the model often denotes specific revision or RoHS compliance standards used in industrial BOMs (Bill of Materials). #### **Graphics & Video** * **GPU:** Integrated ATI Radeon HD 3200. * **Outputs:** Supports dual independent displays via VGA and DVI-D (or HDMI depending on the specific riser configuration). #### **Audio & Networking** * **Audio Codec:** Realtek ALC888 supports 7.1 Channel High Definition Audio. * **LAN:** Dual Realtek RTL8111C Gigabit Ethernet controllers (10/100/1000 Mbps). #### **Expansion Slots** | Slot Type | Quantity | Purpose | | :--- | :--- | :--- | | **PCI-Express x16** | 1 | High-speed graphics or FPGA cards | | **PCI-Express x1** | 1 | I/O expansion | | **PCI (32-bit)** | 2 | Legacy industrial interface cards | --- ### 4. Specialized Industrial Features Unlike consumer boards, the M3A74FAD-R includes electronics for harsh environments: * **Watchdog Timer:** 1~255 level reset (prevents system hang-ups in remote locations). * **Hardware Monitoring:** Integrated sensors for CPU/System temperature and voltage tracking. * **Power Input:** Standard ATX power support. * **COM Ports:** Extensive support for RS-232/422/485 headers, essential for connecting to PLC (Programmable Logic Controllers). --- ### 5. Technical Summary Table | Feature | Details | | :--- | :--- | | **Form Factor** | Micro-ATX (244mm x 244mm) | | **USB** | 10 x USB 2.0 (4 on back panel, 6 via headers) | | **Super I/O** | Winbond W83627DHG | | **BIOS** | AMI 8Mbit Flash BIOS | ---
    ✨ Follow-up Questions
    • ⤷ Where can I find the latest BIOS update for the M3A74FAD-R?
    • ⤷ What are the compatible power supply requirements for this industrial motherboard?
    • ⤷ Can this board support Windows 10 or is it limited to legacy operating systems?