AI

The **M3A74FBD-R** is a specific part number typically associated with high-performance industrial or enterprise-grade memory modules, specifically **DDR3 Fully Buffered DIMMs (FB-DIMM)**. These are often used in servers and high-end workstations (like the Apple Mac Pro or Dell PowerEdge series from the late 2000s).
Below is a breakdown of the electronic components and technical specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR3 SDRAM |
| **Form Factor** | FB-DIMM (Fully Buffered Dual Inline Memory Module) |
| **Capacity** | 4GB (Typical for this specific SKU) |
| **Speed** | PC3-8500 (1066 MHz) |
| **Error Correction** | ECC (Error Correcting Code) |
| **Voltage** | 1.5V (standard for DDR3) |
| **Pins** | 240-Pin |
---
### 2. Key Electronic Components
The architecture of an FB-DIMM is significantly different from standard desktop RAM due to the inclusion of specialized logic chips.
#### A. AMB (Advanced Memory Buffer)
This is the most critical electronic component on the M3A74FBD-R.
* **Function:** Unlike standard RAM where the memory controller communicates directly with each DRAM chip, in an FB-DIMM, the controller talks only to the **AMB**.
* **Purpose:** It manages the serial-to-parallel conversion of data, reduces electrical load on the memory bus, and allows for higher capacities and stability.
#### B. DRAM Chips (Dynamic Random Access Memory)
* The module is populated with several individual CMOS memory chips.
* **Organization:** These are usually organized in a "Rank" structure (e.g., 2Rx4 or 2Rx8), determining how the data is stored and accessed.
#### C. SPD EEPROM (Serial Presence Detect)
* A small 8-pin chip that stores information about the module (speed, timing, manufacturer, and serial number).
* The system BIOS reads this chip during POST (Power-On Self Test) to configure the memory settings automatically.
#### D. Thermal Sensor & Heat Spreader
* **Thermal Management:** FB-DIMMs run significantly hotter than standard DIMMs because the **AMB chip** consumes a lot of power.
* **Hardware:** The "R" in the suffix often denotes a specific Revision or Rohs compliance, but physically, these modules are almost always encased in a metal heat sink to dissipate heat from the AMB.
---
### 3. Usage & Compatibility Warnings
Because this is a **Fully Buffered** module, it has physical and electrical differences compared to standard DDR3:
1. **The Notch:** The physical notch on the bottom connector is in a different position than standard DDR3 Unbuffered (UDIMM) or Registered (RDIMM) memory to prevent accidental insertion into incompatible motherboards.
2. **Power Consumption:** These modules require more power and generate more heat than modern DDR4 or DDR5.
3. **Specific Systems:** This part is primarily used in Intel Xeon systems (5000 series chipsets) or AMD Opteron systems that specifically require FB-DIMM technology.
- ⤷
What is the difference between FB-DIMM and Registered (RDIMM) memory?
- ⤷ Which server models are compatible with the M3A74FBD-R?
- ⤷ Why does the AMB chip cause FB-DIMMs to run hotter than other RAM types?