データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A75FBA-R

  • AI
    The **M3A75FBA-R** is an industrial-grade motherboard typically associated with embedded systems, digital signage, and specialized computing hardware. Based on technical specifications, here is a detailed breakdown of its electronic components and architecture. --- ### 1. Core Architecture & Chipset The board is built around a specific chipset architecture designed for stability and longevity. | Component | Specification | | :--- | :--- | | **CPU Socket** | Support for specific AMD or Intel processors (depending on revision, often AMD FM2+ or similar) | | **Chipset** | Often utilizes high-reliability logic for 24/7 operation | | **Form Factor** | Custom or proprietary small form factor (SFF) | ### 2. Memory and Storage Interface The electronic design prioritizes data throughput and error correction in some configurations. * **RAM Slots:** Usually features 2x DDR3/DDR4 SO-DIMM slots to save space. * **SATA Ports:** High-speed 6Gb/s connectors for traditional SSDs/HDDs. * **M.2/MSATA:** Often includes an expansion slot for compact solid-state storage or Wi-Fi modules. ### 3. Power Regulation (VRM) The motherboard utilizes a **Voltage Regulator Module (VRM)** system to convert power from the power supply to the specific voltages required by the CPU and RAM. * **Solid Capacitors:** These are used instead of electrolytic capacitors to ensure a longer lifespan and better heat resistance. * **Chokes/Inductors:** High-permeability ferrites to reduce electromagnetic interference (EMI). ### 4. Input/Output (I/O) Controllers The "FBA" series typically includes a variety of controllers for peripheral communication: 1. **Ethernet Controller:** Realtek or Intel Gigabit Ethernet PHY chips for networking. 2. **Super I/O Chip:** Manages legacy ports (COM/RS-232), keyboard/mouse signals, and hardware monitoring (fan speeds/temperatures). 3. **Audio Codec:** Integrated multi-channel high-definition audio chip. ### 5. Expansion and Connectivity | Part Type | Description | | :--- | :--- | | **PCIe Slots** | Typically features one x16 slot for discrete graphics or FPGA cards. | | **USB Controllers** | Integrated USB 3.0/2.0 headers for external peripherals. | | **Video Outputs** | Likely includes HDMI, DisplayPort, or VGA for industrial display compatibility. | --- ### Technical Summary The **M3A75FBA-R** is engineered for **Embedded Industrial use**. This means its electronic parts are rated for higher temperature tolerances compared to standard consumer-grade motherboards. It often features a "Watchdog Timer" (an electronic circuit that resets the system if it freezes) which is critical for remote or unattended hardware.
    ✨ Follow-up Questions
    • ⤷What is the specific CPU socket type for the M3A75FBA-R?
    • ⤷ Does this motherboard support ECC memory?
    • ⤷ What power supply voltage is required for the M3A75FBA-R?