AI

The **M3A76TAD-R** is an industrial-grade motherboard manufactured by **ADLINK**. It is designed for longevity and high stability, utilizing the **AMD 760G + SB710** chipset.
---
### Core Electronic Components and Specifications
| Component Category | Specification / Details |
| :--- | :--- |
| **Form Factor** | Micro-ATX (244mm x 244mm) |
| **CPU Socket** | Socket AM3 (Supports AMD Phenom II, Athlon II, Sempron) |
| **Chipset** | Northbridge: AMD 760G \| Southbridge: SB710 |
| **Memory Slots** | 4x 240-pin DIMM (DDR3 1066/1333 MHz) |
| **Expansion Slots** | 1x PCIe x16, 1x PCIe x1, 2x PCI |
| **Storage Interfaces** | 6x SATA II (3 Gb/s), RAID 0/1/10 support |
| **Graphics** | Integrated ATI Radeon™ HD 3000 |
---
### Key Hardware Features
#### 1. Power Regulation
The board features industrial-grade **Solid Capacitors** near the CPU socket. These are critical for:
* **Heat Resistance:** Rated for higher temperatures compared to standard electrolytic capacitors.
* **MTBF (Mean Time Between Failures):** Designed for 24/7 operation in industrial environments.
#### 2. Networking and Connectivity
* **Ethernet:** Dual Gigabit LAN ports, typically powered by **Realtek RTL8111** controllers, which interface via the PCIe bus for high-speed data throughput.
* **Super I/O:** Utilizes specialized chips (often from Winbond or ITE) to manage legacy ports like RS-232/422/485, which are essential for connecting to PLC or CNC machinery.
#### 3. Video Output Logic
The board manages video through the **ATI Radeon HD 3000** engine embedded in the Northbridge. It typically supports:
* **VGA (Analog):** Standard D-Sub connector.
* **DVI-D (Digital):** For high-resolution digital displays without signal degradation.
#### 4. BIOS and Management
* **SPI Flash:** Uses an SPI serial flash memory chip for the BIOS.
* **Watchdog Timer:** A hardware circuit that automatically resets the system if the software hangs, a critical requirement for remote industrial installations.
---
### Physical Layout Overview
The electronic layout is optimized for airflow and accessibility within a rack-mount chassis. The Northbridge (AMD 760G) is usually covered by a passive aluminum heatsink to dissipate heat without the need for a noisy, failure-prone fan.
- ⤷
What are the specific power supply requirements for this motherboard?
- ⤷ Does the M3A76TAD-R support ECC memory for industrial data integrity?
- ⤷ How do I configure the Watchdog Timer on this specific board?