データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A76TBA-R

  • AI
    The **M3A76TBA-R** refers to a specific motherboard model (commonly associated with the ASUS M3A76-CM series or variants used in specialized systems). This board is built on the AMD platform, specifically designed for AM2/AM2+ processors. Below is an explanation of the core electronic components and subsystems found on this board. --- ### 1. Chipset Architecture The performance of the board is dictated by the interaction between two main chips: | Component | Function | | :--- | :--- | | **Northbridge (AMD 760G)** | Manages high-speed communication between the CPU, RAM, and PCIe slots. It often includes integrated ATI Radeon HD 3000 graphics. | | **Southbridge (SB710)** | Handles slower I/O operations, such as SATA ports, USB headers, BIOS, and PCI bus communication. | ### 2. Power Delivery System (VRM) The **Voltage Regulator Module (VRM)** is the most critical electronic part for stability. * **MOSFETs:** Act as high-speed switches to convert 12V power from the PSU to the ~1.2V needed by the CPU. * **Chokes (Inductors):** These are the square grey/black blocks that filter the current and store energy to provide a smooth DC signal. * **Solid Capacitors:** Used to stabilize voltage and filter out electronic noise. Being "solid" (polymer) means they have a longer lifespan than older electrolytic versions. ### 3. Integrated Circuits (ICs) & Controllers Aside from the chipset, several smaller chips manage specific hardware functions: * **Super I/O Controller (ITE or Winbond):** Monitors system temperatures, fan speeds, and manages legacy ports (like PS/2 or Serial). * **Realtek ALC Series:** The audio codec chip responsible for converting digital signals into analog sound for your speakers. * **Realtek RTL8111 Series:** The Gigabit Ethernet controller that manages wired networking. * **BIOS Chip (EEPROM):** A small 8-pin chip that stores the firmware required to initialize hardware during boot-up. ### 4. Expansion and Connectivity Ports * **PCI Express x16:** A high-bandwidth slot for dedicated Graphics Cards. * **DIMM Slots:** Supports DDR2 memory modules (typical for the 760G chipset era). * **SATA Connectors:** Used for connecting Hard Drives and SSDs (supporting 3Gb/s speeds). --- ### Technical Summary Table | Category | Specification | | :--- | :--- | | **Socket Type** | AMD AM2+ / AM2 | | **Memory Support** | DDR2 (Up to 1066 MHz) | | **Power Connector** | 24-pin EATX + 4-pin ATX 12V | | **Storage Interface** | SATA II (3.0 Gb/s) |
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing VRM or capacitor on this motherboard?
    • ⤷ Can this board support AM3 processors via a BIOS update?
    • ⤷ How do I identify the specific Super I/O chip on the PCB?