データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A76TCG-R

  • AI
    The **M3A76TCG-R** is a specific motherboard model (often associated with industrial or legacy OEM systems) based on the AMD chipset architecture. Below is a breakdown of its primary electronic components and technical specifications. --- ## 1. Core Chipset & Architecture The board is built around the **AMD 760G** Northbridge and the **SB710** Southbridge. This combination was designed to support balance between integrated graphics performance and energy efficiency. | Component | Specification | | :--- | :--- | | **CPU Socket** | AM3 / AM3+ (Supports AMD Phenom II, Athlon II, Sempron) | | **Northbridge** | AMD 760G (Integrated Radeon HD 3000 GPU) | | **Southbridge** | AMD SB710 | | **Memory Slots** | 2x or 4x DDR3 DIMM slots (System dependent) | --- ## 2. Power Delivery & Regulation (VRM) The Voltage Regulator Module (VRM) is a critical part of the electronic layout, ensuring the CPU receives stable power. * **Capacitors:** Typically uses Solid Capacitors for longevity and high-temperature resistance, preventing "leaking" common in older electrolytic designs. * **Mosfets:** Low RDS(on) Mosfets are usually employed to reduce heat dissipation during power conversion. * **Phase Design:** Usually a 3+1 or 4+1 phase power design to support CPUs up to 95W or 125W TDP. --- ## 3. Integrated Circuits (ICs) & Connectivity The PCB (Printed Circuit Board) features several specialized ICs to handle input/output operations: ### Networking and Audio * **Ethernet Controller:** Typically a **Realtek RTL8111** series chip providing 10/100/1000 Mbps (Gigabit) speeds. * **Audio Codec:** Usually a **Realtek ALC887** or similar High Definition Audio IC, providing 6-channel or 8-channel sound. ### Storage and I/O * **SATA Controllers:** Integrated into the SB710, providing SATA 3Gb/s ports with RAID 0, 1, 10 support. * **Super I/O Chip:** An **ITE** or **Winbond** chip responsible for monitoring system temperatures, fan speeds, and controlling legacy ports (PS/2, COM). --- ## 4. Expansion Slots & Interface Electronics The layout includes physical traces and electronic shielding for the following: 1. **PCI-Express x16:** For discrete graphics cards, utilizing the PCIe 2.0 standard. 2. **PCI-Express x1:** For expansion cards like sound cards or Wi-Fi adapters. 3. **Legacy PCI:** Provides compatibility with older industrial or specialized hardware. --- ## 5. Technical Summary Table | Feature | Details | | :--- | :--- | | **Form Factor** | Micro-ATX (Typical for this model) | | **Graphics Output** | VGA / DVI (Integrated Radeon HD 3000) | | **USB Support** | USB 2.0 (High Speed) | | **BIOS** | SPI Flash ROM (AMI BIOS) | ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU models for the AM3 socket on this board?
    • ⤷ Does the M3A76TCG-R support UEFI or legacy BIOS?
    • ⤷ What is the maximum RAM capacity supported by the AMD 760G chipset?