データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3A78FAD-R

  • AI
    The **M3A78FAD-R** is an OEM motherboard manufactured by ASUS, primarily used in pre-built desktop systems (such as those from Acer or Gateway). It is based on the **AMD 780G chipset** and designed for the AM2/AM2+ socket. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture & Chipset The motherboard utilizes a Northbridge/Southbridge architecture characteristic of its era. | Component | Specification | | :--- | :--- | | **CPU Socket** | AMD Socket AM2 / AM2+ | | **Northbridge** | AMD 780G | | **Southbridge** | AMD SB700 | | **System Bus** | Up to 5200 MT/s (HyperTransport 3.0) | --- ### 2. Memory & Expansion Slots The board is designed for DDR2 memory and provides standard expansion for dedicated graphics and peripherals. * **RAM Slots:** 4 x 240-pin DIMM sockets. * **Type:** Dual-channel DDR2 1066/800/667 MHz. * **Max Capacity:** Typically up to 8GB. * **Expansion Interface:** * **1 x PCIe x16:** For dedicated graphics cards. * **1 x PCIe x1:** For modern networking or sound cards. * **2 x PCI:** For legacy expansion cards. --- ### 3. Integrated Graphics and I/O One of the highlights of the 780G chipset is its integrated graphics capability. * **Integrated GPU:** ATI Radeon HD 3200. * Supports DirectX 10. * Supports Hybrid CrossFireX (combining IGP with a low-end dedicated GPU). * **Storage Interface:** * **SATA:** 6 x SATA 3Gb/s ports (provided by SB700). * **IDE:** 1 x UltraDMA 133/100/66 (for legacy PATA drives). * **Audio:** Realtek ALC888S 7.1-Channel High Definition Audio. * **Networking:** Marvell 8071/8072 Gigabit Ethernet controller. --- ### 4. Power Regulation (VRM) The electronic stability of the board relies on its Voltage Regulator Modules (VRM): * **Phase Design:** Typically uses a 3+1 or 4-phase power delivery system. * **Capacitors:** Often features a mix of Electrolytic and Solid Capacitors (Solid capacitors are usually reserved for the CPU VRM area to handle heat better). * **Power Input:** Standard 24-pin EATX power connector and a 4-pin ATX 12V connector for the CPU. --- ### 5. Rear Panel Connectors The physical layout usually includes the following electronic interfaces: | Port Type | Quantity | | :--- | :--- | | PS/2 (Mouse/Keyboard) | 2 | | Video Output | 1 x VGA, 1 x HDMI (or DVI) | | USB 2.0 | 4 Ports | | LAN (RJ45) | 1 Port | | Audio Jacks | 6 Jacks (7.1 support) | --- ### Summary Checklist * **Form Factor:** Micro-ATX (approx. 9.6" x 9.6"). * **BIOS:** AMI BIOS stored in a programmable Flash ROM. * **Compatibility Note:** Because this is an OEM board, BIOS updates are often restricted to the PC manufacturer (e.g., Acer) rather than the ASUS retail website.
    ✨ Follow-up Questions
    • ⤷ Which modern CPUs are compatible with the AM2+ socket on this board?
    • ⤷ Can I upgrade the RAM to DDR3 on the M3A78FAD-R?
    • ⤷ What are the common failure points for this specific ASUS OEM motherboard?