データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E13ZPX-R

  • AI
    The **M3E13ZPX-R** is a specific model of a brushless DC motor (BLDC) fan, typically manufactured by companies like **Nidec** or similar industrial cooling solution providers. These fans are high-performance components used in servers, telecommunications, and industrial equipment. Below is an explanation of its electronic parts and specifications. --- ### 1. Technical Specifications The electronics of the M3E13ZPX-R are designed for high-density cooling environments. | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage Range** | 12V DC (Standard) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Termination** | 4-Wire Interface (Power, Ground, Tach, PWM) | | **Material** | Thermoplastic PBT (UL94V-0) | --- ### 2. Electronic Control System (The PCB) Inside the hub of the fan, there is a circular Printed Circuit Board (PCB) that manages the rotation. The key electronic components include: #### A. The Hall Effect Sensor * **Function:** Detects the position of the permanent magnets on the rotor. * **Purpose:** It sends signals to the controller to tell it which electromagnetic coils to energize next to maintain rotation. #### B. PWM Control Circuit (Pulse Width Modulation) * **The 4th Wire:** Unlike simple 2-wire fans, this model uses a PWM input. * **Speed Management:** It allows an external system (like a motherboard or server controller) to adjust the fan speed from 0% to 100% duty cycle without changing the input voltage. #### C. Integrated Circuit (IC) Driver * This is the "brain" of the fan. It handles: * **Soft Start:** Gradually increasing power to prevent a current spike during startup. * **Locked Rotor Protection:** If the fan is physically blocked, the IC cuts power to the coils to prevent the electronics from overheating/burning out. * **Auto-Restart:** Periodically attempts to spin the fan again once a blockage is cleared. --- ### 3. Wiring Configuration The M3E13ZPX-R typically uses a standard 4-pin color-coded system: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative terminal | | **Red** | VCC | +12V Power Supply | | **Yellow** | Tachometer | Output signal (2 pulses per revolution) to monitor RPM | | **Blue** | PWM | Input signal to control motor speed | --- ### 4. Key Performance Characteristics * **High Static Pressure:** The blade geometry and motor torque are designed to push air through dense obstructions (like heatsinks or server racks). * **EMI Suppression:** The internal PCB includes capacitors and inductors to reduce Electromagnetic Interference (EMI), ensuring the motor doesn't interfere with sensitive data signals in a server. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM for the M3E13ZPX-R model?
    • ⤷ How does the Locked Rotor Protection circuit function in this fan?
    • ⤷ Can this fan be operated using only a 2-wire DC power supply?