データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E14XQA-R

  • AI
    The **M3E14XQA-R** refers to a high-performance **LPDDR5 (Low Power Double Data Rate 5)** memory module, typically manufactured by **Micron Technology**. These components are specifically engineered for high-bandwidth applications where power efficiency is critical, such as flagship smartphones, tablets, and AI-driven edge devices. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | LPDDR5 | | **Manufacturer** | Micron Technology | | **Capacity** | Typically 12GB or 16GB (varies by specific revision) | | **Bus Width** | x64 (Multi-channel architecture) | | **Operating Voltage** | VDD1: 1.8V, VDD2H: 1.05V, VDDQ: 0.5V | | **Speed/Data Rate** | Up to 6400 Mbps (MT/s) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | --- ### 2. Functional Architecture The M3E14XQA-R utilizes several advanced architectural features characteristic of the LPDDR5 standard: * **Multi-Bank Architecture:** It uses a programmable bank structure (usually 16 banks) which allows for higher concurrency and reduced latency during data access. * **WCK (Write Clock):** Unlike previous generations that used a strobe-based system, LPDDR5 uses a free-running differential clock (WCK) to reach speeds of 6.4 Gbps. * **Data Copy and WriteX:** Internal commands that allow the chip to copy data from one row to another or write a specific pattern (like zeros) without transferring the data over the bus, saving significant power. --- ### 3. Electronic Characteristics #### Power Management The "Low Power" aspect of this part is managed through: * **Dynamic Voltage Frequency Scaling (DVFS):** The chip adjusts its operating frequency and voltage based on the workload. * **Deep Sleep Mode:** Reduces power consumption by up to 40% compared to LPDDR4X during idle states. #### Signal Integrity To maintain data integrity at 6400 Mbps, the component incorporates: * **On-Die Termination (ODT):** Internal resistors to prevent signal reflections. * **Decision Feedback Equalization (DFE):** Reduces Inter-Symbol Interference (ISI) to ensure clean signal reception. --- ### 4. Typical Applications The M3E14XQA-R is generally found integrated into "System on Chip" (SoC) designs via **Package-on-Package (PoP)** mounting, where the RAM is soldered directly on top of the mobile processor (e.g., Snapdragon or Dimensity series). * **5G Smartphones:** Handling high-speed data throughput. * **Automotive AI:** Advanced Driver Assistance Systems (ADAS). * **Mobile Computing:** Ultra-thin laptops requiring high-speed memory with thermal constraints. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between LPDDR5 and LPDDR5X in terms of performance?
    • ⤷ How does the Package-on-Package (PoP) design affect thermal management?
    • ⤷ Can this memory part be used in industrial temperature environments?