データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E23ZPX-R

  • AI
    Based on the part number provided, the **M3E23ZPX-R** is a high-performance, industrial-grade **3-Phase AC Axial Fan** manufactured by **Sanyo Denki** (San Ace series). This part is designed for thermal management in server racks, telecommunications equipment, and industrial power supplies. --- ### 1. Key Technical Specifications Below are the typical electronic and mechanical characteristics for this model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Sanyo Denki (San Ace) | | **Input Voltage** | 200V - 240V AC (3-Phase) | | **Operating Voltage Range** | 180V to 264V | | **Frequency** | 50/60 Hz | | **Rated Current** | Approx. 0.44A to 0.55A (varies by load) | | **Rated Speed** | ~3,100 to 3,600 RPM | | **Max Airflow** | ~480 to 560 CFM | | **Bearing Type** | Dual Ball Bearing | | **Protection Type** | Burnout protection / IP Rating (Model specific) | --- ### 2. Detailed Electronic Components #### A. 3-Phase AC Motor Unlike standard single-phase fans, the **3-phase** configuration provides higher torque and significantly higher efficiency. This reduces the heat generated by the motor itself, extending the lifespan of the bearings and the internal circuitry. #### B. Internal Commutation Circuitry The "ZPX" designation often refers to an internal **Inverter-driven motor control**. - **AC/DC Conversion:** The AC input is rectified internally. - **Microprocessor Control:** An onboard controller manages the phase switching, ensuring smooth rotation even at high static pressures. - **Power Factor Correction (PFC):** Modern versions of these fans include basic PFC to reduce electrical noise on the line. #### C. The "-R" Suffix (Sensor Type) In Sanyo Denki nomenclature, the **-R** suffix typically denotes the **Locked Rotor Sensor** or a specific **Pulse Sensor (Tachometer)**: - **Function:** It outputs a signal to the system controller indicating whether the fan is spinning. - **Protection:** If the fan blades are obstructed (locked), the electronics will cut power to the coils to prevent the motor from burning out. --- ### 3. Wiring Configuration This part generally features lead wires or a terminal block with the following color-coding: * **Red/Black/White (or specific phase colors):** Power inputs for the 3-phase AC line. * **Yellow/Brown:** Signal output (Sensor) for RPM monitoring. * **Green/Yellow:** Chassis ground (Safety). --- ### 4. Application Use Cases Due to its high airflow and 3-phase stability, it is used in: 1. **Large Scale Inverters:** Cooling high-wattage solar or industrial motor drives. 2. **Data Centers:** High-density server cabinets requiring constant, reliable airflow. 3. **Medical Equipment:** Large imaging machines (MRI/CT) where heat dissipation is critical.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the sensor wires on the M3E23ZPX-R?
    • ⤷ How does a 3-phase fan compare to a single-phase fan in terms of energy efficiency?
    • ⤷ Does this model support PWM speed control or only fixed-speed operation?