データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E25ZPD-R

  • AI
    The **M3E25ZPD-R** is a specific part number belonging to the **M3 series** of electronic components, typically associated with high-precision **TCXO (Temperature Compensated Crystal Oscillators)** produced by manufacturers like MtronPTI. These components are critical in telecommunications and data processing for maintaining stable clock frequencies across varying temperatures. --- ### 1. Key Technical Specifications The following table outlines the general characteristics typical of this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Type** | CMOS / HCMOS | | **Package Style** | Surface Mount Device (SMD) | | **Frequency Range** | 1.0 MHz to 160 MHz (Specific to model) | | **Supply Voltage** | 2.5V or 3.3V (Indicated by 'E' or 'L' coding) | | **Frequency Stability** | ±1.0 ppm to ±2.5 ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Part Number Breakdown While manufacturers vary slightly, the "M3E" prefix generally follows this logic: * **M3**: Series designation (Surface Mount TCXO). * **E**: Voltage coding (often representing **2.5V** or **3.3V** operation). * **25**: Frequency Stability marker (e.g., ±2.5 ppm). * **Z**: Symmetry or Operating Temperature code. * **PD**: Output type (often HCMOS/CMOS) and Pulling range (if it were a VCTCXO). * **-R**: Indicates Compliance (RoHS) and Packaging (Tape & Reel). --- ### 3. Application Areas Electronic parts like the M3E25ZPD-R are used where frequency drift must be minimized: 1. **Wireless Infrastructure:** Base stations and small cells requiring precise timing. 2. **Networking:** High-speed Ethernet switches and routers. 3. **GPS/GNSS Units:** Ensuring signal lock-on stability. 4. **Test & Measurement:** Instrumentation requiring a stable reference clock. --- ### 4. Comparison: Standard Crystal vs. TCXO To understand the "electronic part" value, it is helpful to compare it to a standard crystal: ```mermaid graph LR A[Standard Crystal] --> B{Temp Change} B --> C[Frequency Drifts Significantly] D[TCXO - M3E25ZPD] --> E{Temp Change} E --> F[Internal Compensation Circuit] F --> G[Stable Frequency Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific M3E25ZPD-R unit?
    • ⤷ Do you require a datasheet for a specific manufacturer like MtronPTI?
    • ⤷ Are you looking for a drop-in replacement or alternative for this part?