データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E53XQD-R

  • AI
    The **M3E53XQD-R** is a high-performance, industrial-grade storage module, specifically a **CFexpress Type B memory card** designed for demanding professional video and data logging environments. --- ## 1. Core Technical Specifications The device is built on the NVMe protocol over a PCIe interface, allowing it to bypass the bottlenecks of older SATA-based storage. | Feature | Specification | | :--- | :--- | | **Form Factor** | CFexpress Type B | | **Interface** | PCIe Gen3 x2 | | **Protocol** | NVMe 1.3 | | **NAND Flash Type** | Industrial Grade 3D TLC (Triple-Level Cell) | | **Max Read Speed** | Up to 1700 MB/s | | **Max Write Speed** | Up to 1500 MB/s | | **Capacity Range** | Typically 120GB to 1TB+ | --- ## 2. Key Electronic Components & Technologies ### A. High-Speed Controller The heart of the M3E53XQD-R is an advanced NVMe controller that manages data distribution across the NAND flash cells. It includes: * **Wear Leveling:** Ensures even distribution of write/erase cycles to prolong the card's lifespan. * **Bad Block Management:** Identifies and maps out unreliable storage sectors. ### B. Industrial 3D TLC NAND Unlike consumer-grade cards, the "R" series often denotes a focus on reliability and thermal stability. * **Layering:** Uses vertical stacking (3D) to increase density without sacrificing physical size. * **Endurance:** Rated for high TBW (Total Bytes Written), suitable for 8K video recording or continuous data acquisition. ### C. Thermal Management Electronic components in CFexpress cards generate significant heat during sustained high-speed writes. The M3E53XQD-R features: * **Thermal Throttling:** Internal firmware sensors that adjust performance to prevent hardware damage if temperatures exceed safe limits. * **Heat Dissipation Shell:** Usually encased in a metal or high-conductivity composite housing. --- ## 3. Physical & Logical Interface The "XQD" in the name indicates its physical compatibility with the XQD form factor, though it operates on the faster CFexpress logic. 1. **Pin Configuration:** Uses a robust 34-pin connector designed for thousands of insertion cycles. 2. **PCIe Lanes:** Utilizes 2 lanes of PCIe Gen3, providing a theoretical maximum bandwidth of 2GB/s. 3. **Data Protection:** Often includes Power Loss Protection (PLP) via internal capacitors or firmware-based "Flush" commands to prevent data corruption during sudden power drops. --- ## 4. Typical Applications * **Professional Cinematography:** Recording RAW 4K/8K video. * **High-Speed Photography:** Clearing camera buffers instantly during burst shooting. * **Edge Computing:** Used as a boot drive or high-speed cache in ruggedized industrial PCs.
    ✨ Follow-up Questions
    • ⤷ What is the exact TBW (Total Bytes Written) rating for the 512GB version of this card?
    • ⤷ How does the M3E53XQD-R handle power loss protection differently than standard XQD cards?
    • ⤷ Is this specific model compatible with older XQD-only cameras via a firmware update?