データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E64XPA-R

  • AI
    Based on the technical specifications, the **M3E64XPA-R** is an industrial-grade memory module produced by **Innodisk**. It belongs to the DDR3 product family and is specifically designed for embedded systems and high-reliability environments. --- ### 1. General Technical Specifications Below is a breakdown of the core hardware characteristics of this part: | Feature | Specification | | :--- | :--- | | **Form Factor** | SODIMM (Small Outline Dual In-line Memory Module) | | **Technology** | DDR3 | | **Capacity** | 4GB | | **Frequency** | 1600 MHz (PC3-12800) | | **Voltage** | 1.5V / 1.35V (Dual Voltage support) | | **ECC Support** | Non-ECC | | **Gold Finger** | 30u" (High reliability coating) | | **Temperature Range** | Industrial Grade (-40°C to +85°C) | --- ### 2. Key Electronic Components The reliability of the M3E64XPA-R stems from several specific design choices: #### A. DRAM ICs The module typically utilizes high-density SDRAM chips. These are organized in a **1Rx8** (Single Rank) configuration. Being an industrial part, these chips are rigorously screened for thermal stability and timing consistency across extreme temperature fluctuations. #### B. Serial Presence Detect (SPD) EEPROM This small chip on the module stores the configuration data (timing, latency, voltage). It allows the system BIOS/UEFI to automatically detect the RAM settings and configure the memory controller for optimal performance and stability. #### C. Decoupling Capacitors To maintain signal integrity, especially in noisy industrial environments, the module is populated with surface-mount (SMD) decoupling capacitors. These stabilize the DC voltage provided to the DRAM chips and filter out high-frequency noise. --- ### 3. Industrial Specializations Unlike consumer RAM, the **M3E64XPA-R** includes specific electronic protections: * **Anti-Sulfuration:** The resistors and components are treated to prevent silver sulfuration, which is a common cause of failure in harsh, polluted, or high-humidity environments. * **30μ” Gold Fingers:** Standard RAM uses 3μ” or 10μ” gold plating. The 30μ” plating on this module ensures a more robust physical connection and prevents oxidation even after multiple insertions or vibration-heavy use. * **Wide Temperature Resilience:** The internal circuitry is designed to operate without data corruption at -40°C and maintain stability at +85°C without thermal throttling. --- ### 4. Typical Applications * **Industrial Automation:** Fanless PCs and PLC controllers. * **Transportation:** In-vehicle computing systems. * **Military/Aerospace:** Communication equipment requiring high durability. * **Outdoor Signage:** Systems exposed to varying weather conditions.
    ✨ Follow-up Questions
    • ⤷What is the difference between 1Rx8 and 2Rx8 in this memory module?
    • ⤷ Does the M3E64XPA-R support low-voltage (DDR3L) systems?
    • ⤷ How does the anti-sulfuration treatment work on the resistors?