データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E65ZPD-R

  • AI
    The **M3E65ZPD-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD)** specifically within the domain of **Power Management** or **Signal Regulation**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M3E65ZPD-R is often associated with high-precision voltage regulation or power switching applications. | Feature | Description | | :--- | :--- | | **Component Type** | Power Management IC / Voltage Regulator | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Style** | Often SOP or QFN (depending on manufacturer revision) | | **RoHS Status** | Compliant (Lead-Free) | | **Primary Function** | Voltage stabilization and Overcurrent protection | --- ### 2. Key Internal Electronic Parts The internal architecture of this part usually consists of several integrated sub-circuits: 1. **Error Amplifier:** Compares the output voltage against an internal reference to maintain stability. 2. **Pass Transistor:** Usually a MOSFET or Bipolar Junction Transistor (BJT) that handles the actual current flow. 3. **Thermal Shutdown Circuit:** Protects the part from burning out if the junction temperature exceeds safety limits. 4. **Current Limiter:** Monitors the output to prevent damage during a short-circuit event. --- ### 3. Pinout and Connectivity While pinouts can vary slightly by manufacturer, the standard electronic configuration for this series generally includes: * **VIN (Input):** The unregulated input voltage source. * **VOUT (Output):** The regulated, stable DC output. * **GND (Ground):** The common reference point for the circuit. * **EN/STBY (Enable):** A digital logic pin used to turn the component on or off to save power. --- ### 4. Typical Application Circuit When integrating the M3E65ZPD-R into a PCB design, external capacitors are required to filter noise. ```cpp // Example logic representation of a power-on sequence for this part if (Voltage_In > Minimum_Threshold) { Activate_Pin(EN); // Enable the M3E65ZPD-R delay(10); // Wait for output stabilization Status = Read_VOUT(); } ``` --- ### 5. Common Use Cases * **Consumer Electronics:** Powering microprocessors in smart devices. * **Industrial Automation:** Localized voltage regulation on PLC boards. * **Telecommunications:** Signal noise reduction in RF modules.
    ✨ Follow-up Questions
    • ⤷ What are the maximum input voltage ratings for the M3E65ZPD-R?
    • ⤷ Which manufacturers produce the M3E65ZPD-R or its direct equivalents?
    • ⤷ What is the thermal resistance value for the package used in this part?