データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E65ZPX-R

  • AI
    The **M3E65ZPX-R** is a specialized high-performance cooling fan component, typically manufactured by **Nidec** (often under the Servo or Genty brands). It is a DC brushless motor fan designed for high-density electronic cooling. --- ## Technical Specifications The following table highlights the core electronic and mechanical parameters of the M3E65ZPX-R: | Parameter | Specification | | :--- | :--- | | **Motor Type** | DC Brushless Motor | | **Input Voltage** | 12V DC (Standard) | | **Current Draw** | Approx. 1.2A - 1.5A (High Power) | | **Connector Type** | 4-Pin / 5-Pin (Application dependent) | | **Control Signal** | PWM (Pulse Width Modulation) | | **Sensor Type** | Tachometer (Speed Output) | | **Bearing Type** | Dual Ball Bearing | --- ## Key Electronic Components ### 1. Integrated Circuit (IC) Driver The heart of the fan is an internal **Motor Driver IC**. - It handles the commutation of the three-phase or two-phase windings. - It translates the **PWM signal** from the motherboard or controller into variable voltage/current to adjust the fan speed. ### 2. Hall Effect Sensor To maintain the "Brushless" nature, the unit contains a Hall Effect sensor. - **Function:** It detects the position of the permanent magnets on the rotor. - **Benefit:** It tells the Driver IC which coils to energize next, ensuring smooth rotation and preventing start-up failures. ### 3. PWM and Tachometer Logic Unlike simple 2-wire fans, the "R" suffix often denotes advanced feedback loops: * **PWM Line:** Allows the system to control RPM without changing the input voltage, maintaining high torque at low speeds. * **Tachometer (FG Signal):** Outputs a frequency signal proportional to the speed, allowing the system to monitor if the fan has stalled. ### 4. Protection Circuitry The internal PCB includes several safety layers: * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the motor coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped. --- ## Wiring Pinout (Typical) While variations exist based on the specific OEM build, the electronic interface usually follows this logic: 1. **Black:** Ground (GND) 2. **Red:** VDC (+12V) 3. **Yellow/White:** Tachometer (Frequency Generator signal) 4. **Blue:** PWM Control Input ---
    ✨ Follow-up Questions
    • ⤷ What are the specific RPM and CFM ratings for this model?
    • ⤷ How do I troubleshoot a M3E65ZPX-R fan that is not spinning?
    • ⤷ Can this fan be used with a 24V power supply instead of 12V?