データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E72XPD-R

  • AI
    The **M3E72XPD-R** is a specific high-performance memory module typically used in industrial, server, or embedded computing environments. It is part of the **Innodisk** product line, specifically falling under their DDR3 SDRAM series. --- ### 1. Key Technical Specifications Based on the part number nomenclature, here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Capacity** | 2GB / 4GB (Varies by specific revision) | | **Data Rate** | 1600 MT/s (PC3-12800) | | **Form Factor** | 204-Pin SO-DIMM | | **Voltage** | 1.35V (Low Voltage) / 1.5V (Standard) | | **Error Correction** | ECC (Error Correcting Code) | | **Temperature Grade** | Industrial / Wide Temperature Support | --- ### 2. Core Electronic Components The module is comprised of several critical electronic sub-systems: #### A. DRAM ICs (Integrated Circuits) The module uses multiple DRAM chips (typically from manufacturers like Samsung, Micron, or SK Hynix). These chips store the actual data. Because it is an **ECC** module, it includes an extra DRAM chip to store parity bits, allowing the system to detect and fix single-bit errors. #### B. SPD (Serial Presence Detect) EEPROM This is a small 8-pin chip located on the PCB. It stores configuration data about the module (timing, speed, voltage). When the system boots, the BIOS/UEFI reads this chip to configure the memory controller correctly. #### C. Decoupling Capacitors Small surface-mount capacitors (MLCCs) are scattered across the PCB. Their role is to filter electrical noise and provide a local reservoir of energy to maintain voltage stability during high-speed data switching. #### D. Thermal Sensor (Optional but common in "XPD" series) In the "XPD" industrial line, these modules often include an integrated digital thermal sensor. This allows the system to monitor the module's temperature in real-time to prevent overheating in enclosed industrial chassis. --- ### 3. Distinctive Features * **ECC Functionality:** Unlike standard laptop RAM, this part includes an extra data lane for error correction, making it suitable for mission-critical systems where data corruption cannot be tolerated. * **Gold Fingers:** The 204-pin interface features 30μ” gold plating to ensure reliable connectivity and corrosion resistance in harsh environments. * **Low Voltage (DDR3L):** Operating at 1.35V reduces power consumption and thermal output compared to standard 1.5V DDR3. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ECC and non-ECC memory in industrial applications?
    • ⤷ How does the 'Wide Temperature' rating affect the longevity of this part?
    • ⤷ Is the M3E72XPD-R compatible with standard consumer laptops?