データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E74ZPD-R

  • AI
    The **M3E74ZPD-R** is a specific electronic component, typically categorized as a high-density memory module or a specialized storage interface component (often associated with industrial or automotive-grade eMMC/Flash storage). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications & Category The M3E74ZPD-R is primarily an **Embedded MultiMediaCard (eMMC)** device. It combines NAND flash memory and a controller in a single package to simplify interface design for host processors. | Feature | Specification | | :--- | :--- | | **Storage Capacity** | Typically 32GB or 64GB (varies by revision) | | **Interface** | eMMC 5.0 / 5.1 Standard | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Voltage Supply** | 1.8V (VCCQ) / 3.3V (VCC) | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ## 2. Key Electronic Components The internal architecture consists of three main electronic blocks: ### A. NAND Flash Array * **Storage Medium:** Utilizes Multi-Level Cell (MLC) or Triple-Level Cell (TLC) technology. * **Density:** High-density layering to minimize the physical footprint on the PCB. ### B. Integrated Controller * **Flash Management:** Handles Wear Leveling (distributing writes to extend life), Bad Block Management, and Error Correction Code (ECC). * **Protocol Translation:** Converts standard MMC commands from the CPU into physical NAND gate operations. ### C. Interface Pins (FBGA Layout) The "ZPD" suffix usually refers to the specific ball map configuration. Key pin groups include: 1. **DAT[0-7]:** 8-bit bidirectional data bus. 2. **CMD:** Command line for host-to-device communication. 3. **CLK:** Clock signal for synchronization (supporting High-Speed modes like HS400). --- ## 3. Electrical Characteristics To ensure stable operation, the following electrical parameters must be met: ```c // Typical Power Requirements VCC (NAND Power): 2.7V - 3.6V // Main power for flash operations VCCQ (I/O Power): 1.7V - 1.95V // Low voltage for high-speed signaling // Performance Modes Mode: HS400 (High Speed 400MB/s) Bus Width: 1-bit, 4-bit, or 8-bit ``` --- ## 4. Common Applications Due to the **"R"** suffix (often denoting Tape & Reel packaging or specific reliability ratings), this part is found in: * **Automotive Infotainment:** Storing maps and OS data. * **Industrial Automation:** Reliable boot drives for PLC systems. * **Embedded Computing:** Storage for ARM-based Single Board Computers (SBCs). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the FBGA package of this model?
    • ⤷ How does the HS400 mode in the M3E74ZPD-R compare to standard SD cards?
    • ⤷ What are the specific thermal management requirements for this industrial-grade eMMC?