データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E74ZPX-R

  • AI
    The **M3E74ZPX-R** belongs to a specific category of high-efficiency fan motors, typically used in HVAC, server cooling, or industrial ventilation systems. Below is a detailed breakdown of its electronic and mechanical components. --- ### 1. General Specifications This part number typically refers to an **EC (Electronically Commutated) Motor**. Unlike traditional AC motors, EC motors use integrated electronics to convert AC power to DC and manage motor timing. | Parameter | Typical Description | | :--- | :--- | | **Motor Type** | EC Motor (Brushless DC integrated) | | **Input Voltage** | Typically 200V - 240V AC (Single Phase) | | **Frequency** | 50 / 60 Hz | | **Control Interface** | 0-10V DC or PWM (Pulse Width Modulation) | | **Protection Class** | IP54 or higher (Dust/Splash protection) | --- ### 2. Electronic Component Breakdown The "intelligence" of the M3E74ZPX-R lies in its integrated PCB (Printed Circuit Board) located at the rear of the motor housing. Key electronic sub-systems include: #### A. Rectification & PFC * **Bridge Rectifier:** Converts incoming AC voltage to DC. * **Power Factor Correction (PFC):** Most modern EC motors include active or passive PFC to reduce harmonic distortion and improve energy efficiency. #### B. The Inverter Stage * **IPM (Integrated Power Module):** This contains the IGBTs (Insulated Gate Bipolar Transistors) that switch the DC power into a three-phase signal to drive the motor stator. * **Commutation Logic:** Because it is "brushless," the electronics use sensors (Hall Effect) or "Sensorless" back-EMF detection to know exactly when to energize the coils. #### C. Control & Communication * **Microcontroller (MCU):** Acts as the brain, processing speed commands and monitoring motor health. * **Input Protection:** Includes MOVs (Metal Oxide Varistors) for surge protection and NTC thermistors to prevent inrush current damage. * **Speed Control Signal:** Accepts a **0-10V** analog signal or **PWM** signal to adjust RPM linearly. --- ### 3. Key Electronic Features * **Soft Start:** The electronics gradually ramp up the motor speed, reducing the mechanical stress and electrical inrush compared to "Direct-On-Line" motors. * **Locked-Rotor Protection:** If the fan blade is obstructed, the electronics detect the stall and cut power to prevent the coils from burning out. * **Thermal Management:** Internal temperature sensors will throttle the motor speed or shut it down if the internal electronics exceed safe operating temperatures. --- ### 4. Wiring Interface (Typical) | Wire Color/Label | Function | Description | | :--- | :--- | :--- | | **L / N / PE** | Power Supply | Main AC Input (Line, Neutral, Earth) | | **0-10V / PWM** | Control Input | Determines the speed of the motor | | **+10V OUT** | Aux Power | Voltage source for a simple potentiometer | | **Tacho / Status** | Feedback | Output signal to monitor RPM or error status |
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the 0-10V control signal?
    • ⤷ How does an EC motor compare to an AC induction motor in terms of energy savings?
    • ⤷ What are the common failure modes for EC motor electronics?