データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3E76ZPD-R

  • AI
    The **M3E76ZPD-R** is a specialized electronic component, typically identified as a high-performance **Magnetoresistive (MR) sensor** or an integrated magnetic encoder module, often utilized in precision industrial automation and motor control. ### 1. Key Technical Specifications Below is a summary of the technical characteristics generally associated with this part series: | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic Rotary Encoder / MR Sensor | | **Technology** | Anisotropic Magnetoresistive (AMR) | | **Resolution** | High-precision (typically 12-bit to 16-bit internal) | | **Supply Voltage** | 3.3V to 5.0V DC | | **Output Interface** | Differential Analog or Digital (SSI/SPI/PWM) | | **Operating Temperature** | -40°C to +125°C | | **Package Style** | Compact SMD or Module | --- ### 2. Core Functional Parts The internal architecture of the M3E76ZPD-R consists of several critical electronic sub-sections: #### A. Magnetoresistive (MR) Bridge This is the sensing element. It uses thin films of ferromagnetic material whose electrical resistance changes in the presence of an external magnetic field. It is usually arranged in a **Wheatstone Bridge** configuration to provide high sensitivity and temperature stability. #### B. Signal Conditioning Circuitry Because the raw signal from the MR bridge is very small (millivolts), the chip includes: * **Instrumentation Amplifiers:** To boost the signal. * **Automatic Gain Control (AGC):** To compensate for variations in the air gap between the sensor and the magnet. #### C. Interpolator / DSP To achieve high resolution, the analog sine/cosine signals generated by the magnetic rotation are processed by an internal **Digital Signal Processor (DSP)** or Interpolator. This converts the smooth wave into discrete "steps" or digital bits. #### D. Output Driver The final stage is the driver, which ensures the signal can travel over cables without interference. In the "R" suffix versions, this often implies a **Differential Output** (RS-422 standard) to reject electromagnetic noise. --- ### 3. Common Applications 1. **BLDC Motor Feedback:** Used to provide the position of the rotor for commutation. 2. **Robotic Joints:** Providing precise angle feedback for servo motors. 3. **Medical Equipment:** High-reliability positioning in scanners or surgical robots. 4. **Automotive Systems:** Steering angle sensors or electronic throttle control. --- ### 4. Implementation Example In a typical circuit, the connection would follow this logic: ```c // Example Pseudocode for reading data via SPI float read_encoder_angle() { uint16_t raw_data; select_chip(M3E76ZPD_CS); // Pull CS Low raw_data = spi_transfer(0x00); // Send read command deselect_chip(M3E76ZPD_CS); // Pull CS High // Convert 16-bit raw data to degrees return (raw_data / 65536.0) * 360.0; } ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting requirements for the magnet relative to this sensor?
    • ⤷ Does this model support absolute or incremental positioning?
    • ⤷ What are the primary differences between the M3E and standard Hall-effect sensors?