データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3EH16XPD-R

  • AI
    The **M3EH16XPD-R** is a specific high-performance SFP+ (Small Form-factor Pluggable) optical transceiver module, typically associated with networking equipment manufacturers like Mellanox (now NVIDIA Networking). Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. General Specifications This part is designed for high-speed data transmission over optical fiber. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10 Gbps (10GBASE-ER) | | **Wavelength** | 1550 nm | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Max Distance** | Up to 40 km | | **Connector** | Duplex LC | --- ### 2. Key Electronic Components The internal architecture of the M3EH16XPD-R consists of several critical electronic sub-assemblies: #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **1550nm EML (Electro-absorption Modulated Laser)**. Unlike standard direct-modulation lasers, EMLs are used for long distances (40km) because they minimize "chirp" (signal distortion). * **ROSA (Receiver Optical Sub-Assembly):** Contains a high-sensitivity **PIN Photodiode** or an **APD (Avalanche Photodiode)** paired with a TIA (Transimpedance Amplifier) to convert incoming light back into electrical signals. #### B. Integrated Circuits (Chips) * **Laser Driver:** Converts the high-speed electrical differential signals from the host (switch/router) into the current needed to drive the TOSA. * **Limiting Amplifier:** Placed after the ROSA to "clean up" the received electrical signal, ensuring it has a consistent amplitude before being sent to the host. * **EEPROM/MCU:** A small memory chip that stores the module's identification (vendor name, serial number, part number) and configuration data via the **I2C interface**. #### C. Digital Diagnostics Monitoring (DDM/DOM) This module includes electronic sensors that allow the host system to monitor real-time parameters: * **Temperature** (Internal module heat). * **Supply Voltage** (Vcc). * **Laser Bias Current**. * **Transmitted Optical Power**. * **Received Optical Power**. --- ### 3. Electrical Interface The module communicates with the PCB via a **20-pin gold-finger connector**. | Pin Group | Function | | :--- | :--- | | **High-Speed Data** | TD+/- (Transmitter Data) and RD+/- (Receiver Data) differential pairs. | | **Low-Speed Control** | SDA/SCL (I2C communication) and Mod-Abs (Module Absent signal). | | **Power** | 3.3V Power supply pins. | | **Status/Alarm** | TX_Fault (Transmitter error) and RX_LOS (Loss of Signal). | --- ### 4. Application Context Because this is an **"ER" (Extended Range)** module operating at 1550nm, it is electronically tuned to handle the dispersion and attenuation challenges of long-distance fiber runs (up to 40km), making it more complex than standard short-range (SR) or long-reach (LR) 10G modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an EML laser and a DFB laser in SFP+ modules?
    • ⤷ How do I access the DDM information from this module using a switch CLI?
    • ⤷ Is the M3EH16XPD-R compatible with third-party switches like Cisco or Arista?