データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3EH52ZPX-R

  • AI
    The **M3EH52ZPX-R** is a specialized high-performance cooling fan component, typically manufactured by **Nidec Corporation**. It is widely used in enterprise-level hardware such as servers, networking equipment, and industrial cooling systems. --- ### 1. Technical Specifications This component is characterized by its high rotational speed and high-pressure airflow capabilities. | Feature | Description | | :--- | :--- | | **Manufacturer** | Nidec Corporation | | **Input Voltage** | 12V DC | | **Current Rating** | High Amperage (typically 3.0A to 5.0A range) | | **Bearing Type** | Dual Ball Bearing (for longevity and high RPM) | | **Interface** | PWM (Pulse Width Modulation) Control | | **Connection** | Multi-pin header (Standard 4-pin or proprietary high-density) | --- ### 2. Electronic Components & Internal Design The "electronic parts" of this fan assembly consist of several integrated layers that allow for precise thermal management: #### A. The Brushless DC (BLDC) Motor The core is a 3-phase brushless motor. Unlike brushed motors, it uses an electronic controller to switch the magnetic fields, reducing friction and electrical noise. #### B. Integrated Circuit (IC) Controller The PCB inside the fan housing contains a dedicated motor driver IC. This chip handles: * **Soft Start:** Gradually increasing power to prevent a current spike upon boot. * **Locked Rotor Protection:** Automatically cutting power if the blades are obstructed to prevent the motor from burning out. * **PWM Speed Control:** Interpreting the signal from the motherboard to adjust RPM dynamically. #### C. Feedback Sensors (Tachometer) The unit includes a **Hall Effect Sensor**. This sensor detects the position of the rotor and sends a "Tach" signal back to the system, allowing the BIOS or OS to monitor the exact RPM. --- ### 3. Key Features for Enterprise Use * **Hot-Swappable Design:** Often mounted in a plastic "caddy" or tray, allowing the part to be replaced while the server is running. * **Redundancy Support:** Designed to work in arrays where, if one M3EH52ZPX-R fails, the others ramp up to 100% speed to compensate. * **High Static Pressure:** The blade geometry is optimized to push air through dense heat sinks and tightly packed drive bays. --- ### 4. Typical Applications 1. **Server Chassis:** Used in 1U or 2U rackmount servers (e.g., Dell PowerEdge or HP ProLiant series). 2. **Network Switches:** Cooling high-speed ASICs in core routers. 3. **Industrial Power Supplies:** Managing heat in high-wattage AC/DC converters.
    ✨ Follow-up Questions
    • ⤷What is the specific RPM range for the M3EH52ZPX-R?
    • ⤷ How do I troubleshoot a 'Fan Failure' error for this specific part in a server?
    • ⤷ Can this fan be used in a standard desktop PC build?