データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3EH53XQD-R

  • AI
    The **M3EH53XQD-R** is a specific part number typically associated with **Microsemi** (now a part of Microchip Technology). It is an advanced oscillator component, specifically an **OCXO (Oven Controlled Crystal Oscillator)** designed for high-precision timing applications. --- ## 1. Core Technical Specifications The "M3E" series represents a class of high-stability oscillators. Below are the typical characteristics associated with this specific part range: | Feature | Specification Details | | :--- | :--- | | **Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Stability** | Very High (Parts Per Billion - PPB range) | | **Output Type** | CMOS / HCMOS | | **Supply Voltage** | Generally 3.3V or 5.0V (Standard for the M3E series) | | **Package Style** | Surface Mount Device (SMD) | | **Operating Temp** | Industrial grade (e.g., -40°C to +85°C) | --- ## 2. Key Internal Components To achieve its performance, the M3EH53XQD-R utilizes several critical sub-systems: ### A. The "Oven" (Heating Element) Unlike standard oscillators, an OCXO contains an internal heating element and a thermistor. It maintains the quartz crystal at a specific "turning point" temperature (usually around 75°C to 85°C). This isolates the crystal from external temperature fluctuations. ### B. SC-Cut Quartz Crystal These units often use **SC-cut (Stress Compensated)** crystals. These are less sensitive to thermal shock and mechanical stress compared to the standard AT-cut crystals found in cheaper electronics. ### C. Control Circuitry * **Voltage Regulator:** Ensures power fluctuations do not affect the frequency. * **Varactor Diode:** Used for fine frequency tuning (Electronic Frequency Control - EFC). --- ## 3. Part Number Breakdown (Typical) While specific manufacturer datasheets vary slightly, the alphanumeric code usually follows this logic: 1. **M3E:** Series designation (High-stability OCXO). 2. **H:** Temperature Stability indicator. 3. **53:** Package dimensions/type. 4. **XQD:** Specific frequency code or internal configuration. 5. **R:** RoHS compliant (Lead-free). --- ## 4. Common Applications Due to its high precision, this component is rarely used in consumer electronics. Instead, it is found in: * **Base Stations (4G/5G):** For synchronization of cellular signals. * **Satellite Communications:** Ensuring precise frequency up/down conversion. * **Test and Measurement:** Used as a reference clock in frequency counters or signal generators. * **Network Switches:** Precision timing for high-speed data transmission. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3EH53XQD-R variant?
    • ⤷ How does an OCXO differ from a TCXO in terms of power consumption?
    • ⤷ What are the soldering precautions for SMD OCXOs to avoid damaging the internal crystal?